M2AS1-4341-R2/Q
AI

Based on the part number **M2AS1-4341-R2/Q**, this component belongs to a specific category of **M.2 (NGFF) Connectors**, typically manufactured by companies like **LOTES** or **Foxconn** (though often utilized by brands like ASUS or Gigabyte in their motherboard assemblies).
Below is a technical breakdown of the electronic specifications and characteristics of this part.
---
## 1. Component Overview
The **M2AS1-4341-R2/Q** is an M.2 Card Edge Connector designed to interface high-speed modules (like SSDs, Wi-Fi, or Bluetooth cards) to a PCB (Printed Circuit Board).
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Keying** | Usually "M-Key" or "B-Key" (refer to physical slot notch) |
| **Height** | 4.1mm to 4.3mm (Standard Profile) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Pitch** | 0.50 mm |
| **Number of Positions** | 67-Pin (Standard for M.2) |
---
## 2. Technical Materials and Construction
The performance of this connector is dictated by the materials used to ensure signal integrity for PCIe Gen 3/4/5 speeds.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), UL 94V-0 rated. This allows the part to withstand lead-free reflow soldering processes.
* **Contacts:** Copper Alloy.
* **Plating:**
* **Contact Area:** Gold plating (often 15u" or 30u") to prevent oxidation and ensure low resistance.
* **Solder Area:** Matte Tin or Gold over Nickel.
* **Solder Tabs:** Steel or Copper alloy with Tin plating to provide mechanical stability and grounding to the PCB.
---
## 3. Signal Integrity and Performance
This specific series is designed to handle high-frequency data transmission.
1. **Impedance:** Targeted at **85Ω to 100Ω** to match PCIe and SATA differential pair requirements.
2. **Current Rating:** Typically **0.5A per pin** max.
3. **Voltage Rating:** **50V AC/DC**.
4. **Durability:** Rated for approximately **60 mating cycles**.
---
## 4. Part Number Breakdown (Generic Pattern)
While manufacturers have unique codes, the string usually indicates:
* **M2**: M.2 Series.
* **AS**: High-speed / Advanced Series.
* **4341**: Often refers to the **4.1mm - 4.3mm build height** from the PCB surface.
* **R2**: Revision 2 (Design optimization for better soldering or signal).
* **Q**: Quality/Packaging code (e.g., Tape and Reel for automated assembly).
---
## 5. Typical Applications
* **Motherboards:** For NVMe SSD storage slots.
* **Laptops:** For Wi-Fi/BT combo cards or WWAN (4G/5G) modules.
* **Industrial PCs:** High-speed data logging and storage.
---
- ⤷
What are the mechanical footprint differences between the M-Key and B-Key versions of this connector?
- ⤷ Does this connector support PCIe Gen 5 signal speeds?
- ⤷ What is the recommended reflow soldering temperature profile for this LCP housing?