M2AS1-4344-R2/Q
AI

Based on the part number **M2AS1-4344-R2/Q**, this component belongs to the category of high-frequency magnetic devices, specifically **RF Baluns** (Balanced-to-Unbalanced transformers) or **Surface Mount (SMD) Transformers**, commonly manufactured by companies like **MACOM** or similar RF component specialists.
---
### 1. Component Overview
These parts are designed for broadband applications, typically used in CATV (Cable TV) equipment, broadband internet infrastructure, and signal distribution systems.
| Specification | Typical Value/Description |
| :--- | :--- |
| **Component Type** | RF Transformer / Balun |
| **Mounting Style** | Surface Mount Device (SMD) |
| **Impedance Ratio** | Commonly 1:1 or 1:4 (depending on the internal winding) |
| **Frequency Range** | 5 MHz to 1200 MHz (DOCSIS 3.1/4.0 compatible) |
| **Package Type** | 5-lead or 6-lead plastic/ceramic carrier |
---
### 2. Key Electrical Characteristics
The "R2" and "/Q" suffixes often denote specific revision levels or quality/screening standards (e.g., Automotive grade or high-reliability testing).
* **Insertion Loss:** Low loss (typically < 1.0 dB) to ensure signal integrity across long cable runs.
* **Amplitude Balance:** Measures how evenly the signal is split between the two balanced outputs (usually within 0.5 dB).
* **Phase Balance:** Measures the phase shift between outputs, ideally 180° for a balun (usually within ±5°).
* **Return Loss:** High return loss (input matching) to prevent signal reflections that cause "ghosting" or data errors.
---
### 3. Pin Configuration & Functionality
In a standard 5-pin configuration for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Secondary Dot | Balanced Output A |
| **2** | Center Tap | Ground or Bias point |
| **3** | Secondary | Balanced Output B |
| **4** | Primary | Unbalanced Input |
| **5** | Primary Dot | Input Ground/Reference |
---
### 4. Applications
* **CATV Set-Top Boxes:** Converting the 75-ohm coaxial input to a differential signal for the internal chipset.
* **Cable Modems:** Used in the upstream and downstream RF front-end paths.
* **Push-Pull Amplifiers:** Providing the necessary phase inversion for high-linearity power amplifiers.
- ⤷What is the specific frequency range for the M2AS1 series?
- ⤷ Can this component be used in 50-ohm systems as well as 75-ohm systems?
- ⤷ What do the 'R2' and 'Q' suffixes specifically signify for this manufacturer?