M2AS1-4411-R
AI

The **M2AS1-4411-R** is a specific model of an **Active Optical Cable (AOC)**, typically manufactured by companies like Luxshare-ICT. These cables are designed for high-speed data transmission in data centers and high-performance computing (HPC) environments.
Below is a breakdown of its electronic components and technical specifications.
---
## 1. Core Technical Specifications
The "M2AS1-4411-R" usually corresponds to a **200G QSFP56 to 2x 100G QSFP56** breakout AOC or a similar high-density interconnect.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | QSFP56 (Quad Small Form-factor Pluggable) |
| **Data Rate** | Up to 200 Gbps (Aggregate) |
| **Modulation** | PAM4 (Pulse Amplitude Modulation 4-level) |
| **Media Type** | Multimode Fiber (MMF) |
| **Power Consumption** | Typically < 5W per end |
| **Connector Type** | Integrated Transceivers (Plug-and-play) |
---
## 2. Internal Electronic Components
Unlike passive copper cables (DACs), an AOC contains active electronic circuitry within the connector shells to convert electrical signals into optical signals and vice-versa.
### A. The Optical Engine
* **VCSEL Laser (Transmitter):** Vertical-Cavity Surface-Emitting Lasers are used to convert electrical data into light pulses. In a 200G cable, there are typically 4 channels running at 50G PAM4 each.
* **Photodiode (Receiver):** These components sense incoming light pulses and convert them back into electrical current.
### B. Integrated Circuits (ICs)
* **DSP / Gearbox:** High-speed digital signal processors manage the PAM4 modulation, ensuring signal integrity over the fiber length and correcting for jitter.
* **Laser Driver:** An analog circuit that provides the necessary current to drive the VCSELs based on the data input.
* **TIA (Transimpedance Amplifier):** Located at the receiving end, it amplifies the weak current from the photodiode into a usable voltage signal.
### C. EEPROM (Management Interface)
* Each end contains an EEPROM chip that stores the **DOM (Digital Optical Monitoring)** data, manufacturer info, serial numbers, and supported protocols. This allows the network switch to identify the cable and monitor temperature or voltage.
---
## 3. Comparison: AOC vs. DAC (Copper)
| Component | AOC (M2AS1-4411-R) | DAC (Copper) |
| :--- | :--- | :--- |
| **Active Electronics** | Yes (DSP, Lasers, TIAs) | No (Passive) |
| **Reach** | Up to 100 meters | Up to 3-5 meters |
| **Weight** | Very Light | Heavy/Bulky |
| **EMI Resistance** | High (Immune to EM interference) | Low |
---
## 4. Pinout Configuration
The QSFP56 interface uses a standard 38-pin connector. Key electronic pins include:
* **VCC:** Power supply (typically 3.3V).
* **TX1n/p - TX4n/p:** Differential transmit pairs.
* **RX1n/p - RX4n/p:** Differential receive pairs.
* **SCL/SDA:** I2C interface for management and monitoring.
- ⤷
What is the maximum reach distance supported by the M2AS1-4411-R?
- ⤷ How does PAM4 modulation differ from NRZ in these optical cables?
- ⤷ What are the power requirements for a QSFP56 active optical cable?