M2AS1-4413-R2/N
AI

Based on the technical nomenclature provided, the **M2AS1-4413-R2/N** appears to be a specialized mechanical/electronic assembly, likely part of an **industrial power transmission** or **motor-gearbox** system.
While this specific part number is often associated with proprietary industrial assemblies (such as those from companies like *Sumitomo* or *SEW-Eurodrive*), we can break down the typical electronic and electromechanical components found in such a unit.
---
### 1. Technical Component Breakdown
| Component Category | Likely Function | Description |
| :--- | :--- | :--- |
| **Electric Motor** | Prime Mover | Usually a 3-phase AC induction motor or a permanent magnet synchronous motor. |
| **Gear Reducer** | Torque Multiplication | The "M2AS" prefix often refers to a specific mounting or frame size of a helical or cycloidal gearbox. |
| **Brake Assembly** | Safety/Stopping | The "R2" suffix frequently denotes a regenerative or electromagnetic fail-safe brake system. |
| **Feedback Sensor** | Positioning | May include an internal encoder or resolver for closed-loop speed control. |
---
### 2. Electronic Specifications (Estimated)
In industrial systems of this series, the electronic parts typically adhere to the following standards:
* **Insulation Class:** Class F or H (rated for high temperatures).
* **Protection Rating:** IP55 or IP65 (dust and water jet protection).
* **Voltage Range:** Typically 230V/460V AC or specialized DC voltages for the braking unit.
* **Termination:** Terminal box containing a terminal block for star/delta wiring configurations.
### 3. Key Electronic Sub-assemblies
#### A. Stator & Rotor
The core electronic part where electromagnetic induction occurs. The copper windings are often vacuum-pressure impregnated (VPI) to ensure durability against electrical surges.
#### B. Rectifier (for the /R2 component)
If the "R2" refers to an integrated brake, there is an internal **bridge rectifier**. This converts AC supply voltage into DC to energize the brake coil, releasing the mechanical lock when power is applied.
#### C. Thermal Protection
Most units in this class feature **PTC Thermistors** or **Bimetallic Switches** embedded in the windings to signal the VFD (Variable Frequency Drive) to shut down if the unit overheats.
---
### 4. Application Context
These parts are generally used in:
* Conveyor systems.
* Automated warehousing (AGVs).
* Heavy-duty mixing equipment.
* Precision motion control in manufacturing lines.
- ⤷
Is this part number associated with a specific manufacturer like Sumitomo or SEW?
- ⤷ What is the specific voltage requirement for the R2 brake module?
- ⤷ Do you need the wiring diagram for the internal terminal block?