M2AS1-4414-R2/N
AI

The **M2AS1-4414-R2/N** is a specific high-frequency, surface-mount electronic component typically used in telecommunications and data transmission hardware. It falls under the category of **Magnetic Modules**, specifically an **Ethernet Isolation Transformer**.
---
## 1. Component Specifications
This part is designed to interface between the Physical Layer (PHY) chip and the network cable (RJ45).
| Feature | Description |
| :--- | :--- |
| **Component Type** | LAN Transformer / Magnetic Module |
| **Configuration** | Quad Port (supports 4 channels) |
| **Speed Rating** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Isolation Voltage** | Typically 1500 Vrms |
| **Operating Temp** | Standard (-40°C to +85°C for industrial grade) |
---
## 2. Internal Electronic Parts
The device is not a single solid-state component but a module containing several micro-components inside its housing:
### A. Toroidal Cores
Small ferrite rings wrapped with ultra-fine copper wire. These act as the primary and secondary windings of the transformer. They provide **Galvanic Isolation**, protecting the internal circuitry from high-voltage spikes on the network line.
### B. Common Mode Chokes (CMC)
Included within the module to suppress Electromagnetic Interference (EMI). They allow the desired differential signals to pass through while blocking unwanted high-frequency noise common to both lines.
### C. Termination Resistors & Capacitors
Some "R2" variants include internal "Bob Smith" termination circuits (typically 75-ohm resistors and high-voltage capacitors) to reduce emissions and handle impedance matching.
---
## 3. Functionality in a Circuit
The M2AS1-4414-R2/N serves three critical roles in an electronic assembly:
1. **Signal Transmission:** It ensures the differential data signals are coupled efficiently from the PCB to the Ethernet cable.
2. **Impedance Matching:** It matches the impedance of the PHY chip (usually low) to the 100-ohm characteristic impedance of the Twisted Pair (UTP) cable.
3. **Protection:** It blocks DC offsets and prevents ground loops between different pieces of networking equipment.
---
## 4. Typical Applications
* **Enterprise Networking:** Multi-port switches and routers.
* **Industrial PC/Motherboards:** Providing quad-channel LAN connectivity.
* **Servers:** High-density blade servers requiring multiple Ethernet ports in a small footprint.
- ⤷
What are the pinout differences between the R2 and N versions?
- ⤷ Can this module support Power over Ethernet (PoE)?
- ⤷ What are the recommended reflow soldering profiles for this SMD part?