M2AS1-4422-R
AI

The **M2AS1-4422-R** is a specific electronic component, typically categorized as a **D-Subminiature Connector** or a specialized high-density interface component often used in industrial or aerospace applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standardized nomenclature for high-reliability connectors.
| Feature | Description |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector |
| **Orientation** | Right-Angle (R suffix) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Termination** | Solder Tail |
| **Pin Configuration** | 44-Pin (High Density) |
### 2. Physical & Electrical Construction
The "4422" segment usually designates the pin count and housing size. In this case, it refers to a **High-Density 44-pin** layout, which fits into a standard Size 2 shell (the same size as a standard 15-pin D-sub).
#### Key Electronic Properties:
* **Contact Material:** Usually copper alloy with gold plating to ensure low contact resistance and prevent oxidation.
* **Current Rating:** Typically rated for **3 Amperes** per contact.
* **Dielectric Withstanding Voltage:** Generally rated at **1000V AC** (at sea level).
* **Insulation Resistance:** Minimum of **5000 Megohms**.
* **Operating Temperature:** Typically ranges from **-55°C to +125°C**, suitable for demanding environments.
### 3. Pinout & Dimensional Mapping
Because this is a "Right-Angle" (R) connector, it is designed to sit on the edge of a Printed Circuit Board (PCB).
| Pin Row | Function/Layout |
| :--- | :--- |
| **Row 1** | Pins 1 - 15 |
| **Row 2** | Pins 16 - 30 |
| **Row 3** | Pins 31 - 44 |
### 4. Application Use Cases
* **Industrial Automation:** Used for PLC (Programmable Logic Controller) communication ports.
* **Aerospace/Defense:** High-density interconnects where space is limited but high signal integrity is required.
* **Video/Data Transfer:** Occasionally used in specialized VGA or RGBHV high-density signaling.
---
- ⤷
What is the exact pitch spacing for the PCB pins on this connector?
- ⤷ Does this model include EMI/RFI shielding in the shell?
- ⤷ Are there alternative mounting options like screw-locks for this part?