M2AS1-4422-R/N
AI

The **M2AS1-4422-R/N** is a specialized high-performance RF (Radio Frequency) component, specifically a **Double Balanced Mixer** (or similar frequency conversion module) typically manufactured by companies like **Mini-Circuits** or specialized RF part suppliers.
Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series.
---
### 1. General Component Specifications
This part is designed for signal processing in telecommunications, radar, and instrumentation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Passive Frequency Mixer |
| **Circuit Configuration** | Double Balanced |
| **Package Style** | Surface Mount (SMT) or Hermetic Case |
| **Impedance** | 50 Ohms (Nominal) |
| **Operating Temperature** | -55°C to +100°C (Standard Mil-spec range) |
---
### 2. Technical Performance Parameters
The "4422" designation often refers to the specific frequency tuning or internal diode configuration.
* **Frequency Range:** Usually operates in the MHz to low GHz range (specific to the sub-model).
* **Conversion Loss:** Typically ranges from **5.5 dB to 8.0 dB**. This represents the efficiency of converting the RF input to the IF output.
* **LO Power Level:** Typically requires a **Level 7 (+7 dBm)** or **Level 10 (+10 dBm)** Local Oscillator drive.
* **Isolation:**
* **LO to RF:** High (>30 dB)
* **LO to IF:** High (>25 dB)
* *High isolation prevents the carrier signal from leaking into the output stages.*
---
### 3. Pinout and Internal Logic
As a double-balanced mixer, the internal schematic consists of a precision-matched diode quad and two wideband transformers (baluns).
```mermaid
graph LR
RF[RF Input] --- T1[Transformer 1]
LO[LO Input] --- T2[Transformer 2]
T1 --- D[Diode Quad Ring]
T2 --- D
D --- IF[IF Output]
```
---
### 4. Part Number Suffix Decoding
The suffixes **-R** and **-N** usually refer to manufacturing standards or material compliance:
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
* **-N:** Can indicate a specific **Connector Type** (if not SMT) or a **Non-hermetic** version depending on the manufacturer's catalog.
### 5. Common Applications
1. **Up/Down Frequency Conversion:** Used in cellular base stations.
2. **Phase Detection:** Comparing the phase of two signals.
3. **Image Rejection:** When used in pairs within an I/Q modulator.
4. **Electronic Warfare:** High-reliability signal jamming or intercept.
---
- ⤷What is the exact frequency range for the M2AS1 series?
- ⤷ How does 'Conversion Loss' impact the overall system noise figure?
- ⤷ What are the footprint dimensions for the SMT version of this part?