Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4423-R

  • AI
    The **M2AS1-4423-R** is a specific part number typically associated with high-performance networking hardware components, specifically a **Mellanox (NVIDIA) 100GbE InfiniBand/Ethernet Switch IC or System-on-Chip (SoC)** variant. These components are designed for data center environments requiring massive throughput and ultra-low latency. --- ### 1. Technical Specifications The "M2" family often relates to the **Switch-IB™ 2** or early **Spectrum™** silicon generations. Below are the typical electronic characteristics for this class of component: | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 100 Gbps per port | | **Protocol Support** | InfiniBand (EDR) and/or 100GbE Ethernet | | **Port Configuration** | Varies by board integration (typically up to 36 ports) | | **Interface Type** | SerDes (Serializer/Deserializer) lanes | | **Package Type** | High-density BGA (Ball Grid Array) | | **Thermal Management** | Requires active heatsink/forced air cooling | --- ### 2. Core Electronic Functions The M2AS1-4423-R acts as the "brain" of a network switch. Its internal electronic architecture focuses on: * **Packet Switching Engine:** Hardware-based lookup tables and switching fabric that move data packets between ports in nanoseconds. * **SerDes Lanes:** High-speed differential signaling used to transmit data over PCB traces to SFP/QSFP cages. * **On-chip Buffer:** Integrated SRAM to manage micro-bursts of data and prevent packet loss during congestion. * **Management Interface:** I2C/SMBus and PCIe interfaces for communication with the host CPU or BMC (Baseboard Management Controller). --- ### 3. Application and Usage This part is usually found integrated into: 1. **Fixed Configuration Switches:** 1U rack-mount units used in High-Performance Computing (HPC) clusters. 2. **Modular Switch Bladed:** Used in enterprise chassis systems. 3. **SmartNICs/DPUs:** In some variations, specialized silicon handles offloading tasks from the main server CPU. --- ### 4. Part Number Breakdown (General Mellanox Convention) While exact internal codes are proprietary, the nomenclature usually follows this logic: * **M2:** Refers to the Silicon Generation (e.g., Switch-IB 2). * **AS:** Application Specific / Standard component. * **4423:** Specific hardware revision and feature set (e.g., specific port count or thermal rating). * **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the M2AS1 series under full load?
    • ⤷ Is the M2AS1-4423-R compatible with newer HDR 200Gbps networks?
    • ⤷ How do you troubleshoot SerDes link failures on this specific IC?