AI

The **M2AS1-4424-R/N** is a specific model within the **M2AS series** of industrial-grade, high-density power supply units (PSU), typically manufactured by **SureStar (SevenTeam)** or similar industrial PC power suppliers. These are commonly used in server racks, storage arrays, and high-availability workstations.
Below is the technical breakdown of its electronic components and specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Form Factor** | 2U Mini-Redundant (Individual Module) |
| **Max Power Output** | 400W to 420W (Continuous) |
| **Input Voltage** | 90V - 264V AC (Universal Input) |
| **Input Frequency** | 47Hz - 63Hz |
| **Efficiency** | Often 80 PLUS Certified (Bronze or Silver level) |
---
### 2. Key Electronic Components & Features
#### A. Active Power Factor Correction (PFC)
The "AS" in the model name usually signifies **Active PFC**.
* **Function:** It uses an electronic circuit (often a boost converter) to align the current waveform with the voltage waveform.
* **Benefit:** Reduces harmonic distortion and ensures compliance with international standards like EN61000-3-2.
#### B. Redundancy Logic (The "R" Suffix)
The **-R** indicates this is a **Redundant** module.
* **Hot-Swappable:** The rear interface uses a gold-finger connector (edge connector) instead of standard wires, allowing it to be swapped while the system is running.
* **OR-ing Diodes/MOSFETs:** Internal circuitry prevents back-feeding; if one module fails, the other takes over the full load instantly without a system reboot.
#### C. Cooling and Thermal Management
* **Fan:** Equipped with a high-RPM 40mm ball-bearing fan.
* **Speed Control:** Uses a thermal sensor (thermistor) to adjust fan speed based on internal temperatures, balancing noise with cooling efficiency.
#### D. Protection Circuits
The electronic design includes an **IC controller** that monitors for several critical states:
1. **OVP (Over Voltage Protection):** Shuts down if output exceeds safe levels.
2. **OCP (Over Current Protection):** Prevents damage during current spikes.
3. **SCP (Short Circuit Protection):** Latches the PSU off if a short is detected.
---
### 3. DC Output Rail Distribution
The internal DC-DC conversion stage splits the power into the following standard rails:
| Rail | Max Load (Typical) | Function |
| :--- | :--- | :--- |
| **+3.3V** | 20A - 25A | Logic circuits, RAM, Chipsets |
| **+5V** | 20A - 25A | HDD/SSD Logic, USB ports |
| **+12V** | 30A+ | CPU (EPS), GPU, Cooling Fans |
| **-12V** | 0.5A | Legacy PCI slots / Serial ports |
| **+5Vsb** | 3.0A | Standby power (Always on) |
---
### 4. Physical Connector Interface
Since this is a module for a redundant cage, it does not have standard ATX cables attached to the module itself.
* **Interface:** A proprietary high-current edge connector.
* **Signals:** Includes `PS-ON` (Remote on/off), `PW-OK` (Power Good signal), and `I2C/PMBus` pins for digital communication to monitor health (fan speed, temp, and load) via the motherboard.
---
- ⤷
What is the difference between the R and N versions in this model series?
- ⤷ How do I test this module if I don't have the backplane cage?
- ⤷ What are the common failure points in 2U redundant power modules?