Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4432-R/CE

  • AI
    The **M2AS1-4432-R/CE** is a specialized electronic module, typically associated with **Silicon Labs** (SiLabs) technology, specifically their EZRadioPRO series of sub-GHz wireless transceivers. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications This module is designed for Low Power Wide Area Network (LPWAN) applications, operating primarily in the sub-GHz ISM bands. | Feature | Specification | | :--- | :--- | | **Main Chipset** | Silicon Labs Si4432 | | **Frequency Range** | 240–960 MHz (typically tuned to 433/868/915 MHz) | | **Output Power** | Up to +20 dBm (100 mW) | | **Sensitivity** | -121 dBm | | **Data Rate** | 0.123 to 256 kbps | | **Modulation** | FSK, GFSK, and OOK | | **Operating Voltage** | 1.8V to 3.6V DC | --- ## 2. Key Internal Electronic Parts The module consists of several critical stages that manage radio frequency (RF) transmission and reception: ### A. The Si4432 Transceiver IC The "heart" of the module. It integrates: * **Synthesizer:** A fractional-N PLL that generates the precise carrier frequency. * **Modem:** Digitally processes incoming and outgoing data. * **PA (Power Amplifier):** Boosts the signal for long-range transmission. * **LNA (Low Noise Amplifier):** Amplifies weak signals received from the antenna. ### B. RF Front-End Components To ensure legal compliance and signal integrity, the module includes: 1. **Low Pass Filter (LPF):** Removes harmonics (unwanted high-frequency noise) generated by the power amplifier. 2. **Balun/Matching Network:** A series of inductors and capacitors (L-C circuit) that matches the impedance of the chip to the 50-ohm antenna port. 3. **TCXO/Crystal Oscillator:** Provides a stable 30 MHz reference clock for frequency stability. ### C. Digital Interface The module communicates with a host microcontroller (MCU) via: * **SPI (Serial Peripheral Interface):** Used for configuration and data transfer. * **GPIOs:** Configurable pins for interrupts (IRQ), "Clear to Send," or "Data Valid" signals. * **Shutdown (SDN) Pin:** Used to put the module into an ultra-low-power sleep state. --- ## 3. Pin Configuration (Typical) The "M2AS" form factor usually utilizes a stamp-hole or pin-header layout: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | 1.8V - 3.6V input | | **GND** | Ground | Common negative reference | | **SDI/SDO/SCK** | SPI Bus | Data In, Data Out, and Clock | | **nSEL** | Chip Select | Activates the SPI interface | | **nIRQ** | Interrupt | Signals the MCU (e.g., "Packet Received") | | **ANT** | Antenna Port | Connection for 50-ohm antenna | --- ## 4. Typical Application Circuit ```cpp // Pseudocode for initializing the module via SPI void setup() { SPI.begin(); pinMode(nSEL, OUTPUT); // Reset the Si4432 writeRegister(0x07, 0x80); // Software Reset // Set Frequency to 433 MHz writeRegister(0x75, 0x53); // Set Transmit Power to +20dBm writeRegister(0x6D, 0x07); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the M2AS1-4432-R/CE in open field conditions?
    • ⤷ How does the 'CE' suffix affect the regulatory compliance of this module?
    • ⤷ What are the power consumption levels in sleep mode versus full transmit mode?