M2AS1-4434-R2/N
AI

The **M2AS1-4434-R2/N** is a specific technical configuration for an industrial-grade **Solid State Drive (SSD)**, typically manufactured by **Innodisk**. It belongs to the M.2 (NGFF) form factor family, specifically designed for enterprise, embedded, and industrial systems.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (42mm length) |
| **Interface** | SATA III 6.0 Gb/s |
| **Flash Type** | iSLC (Industrial-grade SLC emulation) |
| **Capacity** | 32GB (Standard for this part number series) |
| **Model Series** | M2AS-1 |
| **Operational Temp** | Standard Grade: 0°C ~ +70°C |
---
## 2. Key Electronic Components
### A. The Controller
The "heart" of the module is an integrated SSD controller. It manages:
* **Wear Leveling:** Ensures data is written evenly across memory cells to prevent premature failure.
* **Bad Block Management:** Identifies and bypasses defective flash sectors.
* **Error Correction Code (ECC):** Uses hardware algorithms to detect and fix bit-level errors.
### B. iSLC Flash Memory
The `/N` and `R2` designations often refer to the NAND type and revision. **iSLC** is a proprietary technology that bridges the gap between MLC and SLC:
* It uses MLC (Multi-Level Cell) hardware but only stores 1 bit per cell.
* **Result:** It provides up to 10 times the endurance of standard MLC and speeds approaching true SLC, but at a lower cost.
### C. Power Management Circuitry
This part includes:
* **Voltage Regulators:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the controller and NAND.
* **Power-on Reset (POR):** Ensures the drive initializes only when power is stable.
* **iData Guard:** Electronic sensors that detect sudden power loss and trigger a "flush" of data from the volatile cache to the permanent NAND to prevent data corruption.
---
## 3. Physical Layout
As a **2242 form factor**, the PCB measures **22mm x 42mm**. This is shorter than standard consumer M.2 drives (which are 2280), making it ideal for compact industrial PCs, thin clients, and automation controllers.
---
## 4. Part Number Breakdown (Generic Mapping)
* **M2AS1**: Product Series (M.2 SATA SSD).
* **4434**: Specific internal configuration code (Capacity/Controller/NAND generation).
* **R2**: Revision 2 (indicates a hardware or firmware update from the original design).
* **N**: Usually indicates a specific firmware feature or a lack of certain DRAM caching (DRAM-less design for higher reliability).
- ⤷
What is the difference in endurance (TBW) between iSLC and standard MLC memory?
- ⤷ Can this drive be used in a standard laptop M.2 slot?
- ⤷ Does this model support AES 256-bit hardware encryption?