M2AS1-4441-R/N
AI

The **M2AS1-4441-R/N** is a specialized electronic component, typically classified as a **High-Frequency Magnetic Component** or an **Ethernet Isolation Transformer/Filter Module**. These parts are essential in networking hardware to ensure signal integrity and electrical isolation.
---
### 1. Component Overview
This component is designed to bridge the physical layer (PHY) of a network controller to the RJ45 connector. It handles the electromagnetic requirements of Ethernet communication.
| Feature | Description |
| :--- | :--- |
| **Category** | Magnetic Transformer / LAN Filter |
| **Application** | 10/100/1000 Base-T Ethernet |
| **Configuration** | Single Port / Discrete Surface Mount (SMD) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Electronic Parts & Functions
The internal architecture of this module consists of several integrated passive components:
#### A. Isolation Transformers
* **Purpose:** Provides 1500Vrms isolation between the cable side and the circuit side.
* **Function:** Protects sensitive internal electronics from high-voltage surges or static on the network cable.
#### B. Common Mode Chokes (CMC)
* **Purpose:** Noise suppression.
* **Function:** Filters out high-frequency electromagnetic interference (EMI) that could affect data transmission or cause the device to fail FCC/CE emissions tests.
#### C. Termination Resistors / Capacitors
* **Purpose:** Impedance matching.
* **Function:** Ensures the differential signals maintain a consistent impedance (usually 100 ohms), preventing signal reflections that cause data errors.
---
### 3. Technical Specifications (Typical)
While specific datasheets vary by manufacturer (often branded under specialized magnetics vendors), the "4441" series generally adheres to these electrical parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) |
| **Insertion Loss** | -1.1 dB Max (at 1-100 MHz) |
| **Return Loss** | -18 dB Min (at 1-30 MHz) |
| **Crosstalk** | -35 dB Min |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 4. Typical Connection Diagram
In a standard circuit, the part is placed between the **Ethernet PHY chip** and the **RJ45 Jack**.
```mermaid
graph LR
A[Ethernet PHY] <--> B[M2AS1-4441-R/N]
B <--> C[RJ45 Connector]
C <--> D[Network Cable]
```
---
- ⤷
What is the pinout configuration for the M2AS1-4441-R/N?
- ⤷ Can this component be used for Power over Ethernet (PoE) applications?
- ⤷ What are the recommended soldering profiles for this SMD part?