M2AS1-4444-R/CE
AI

The **M2AS1-4444-R/CE** is a specialized high-performance industrial networking component, typically identified as a **SFP (Small Form-factor Pluggable) Optical Transceiver Module**.
Based on the part number nomenclature common in the telecommunications industry (often associated with brands like Transition Networks or specific custom industrial OEMs), here is the technical breakdown of its electronic parts and specifications.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Form Factor** | SFP (Mini-GBIC) | Hot-swappable input/output transceiver |
| **Data Rate** | 1.25 Gbps / 155 Mbps | Supports Gigabit Ethernet and Fast Ethernet |
| **Wavelength** | 1310nm / 1550nm | Typically used for Single-Mode Fiber (SMF) |
| **Connector Type** | LC Duplex | Standard small form factor fiber connector |
| **Distance** | Up to 10km - 40km | Varies based on specific "4444" coding (Standard: 20km) |
| **Voltage** | 3.3V | Standard CMOS logic levels |
---
### 2. Internal Electronic Components
The module consists of several critical electronic sub-assemblies integrated into a compact metal housing:
#### A. Optical Sub-Assemblies (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Laser Diode** (usually a Fabry-Perot or DFB laser) that converts electrical data signals into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **Photodiode** (PIN or APD) and a Trans-Impedance Amplifier (TIA) to convert incoming light back into electrical current.
#### B. Integrated Circuits (Chips)
* **Laser Driver:** Controls the TOSA, managing the bias current and modulation to ensure consistent light output.
* **Limiting Amplifier:** Processes the signal from the ROSA, squaring the waveform to produce a clean digital output for the host device.
* **EEPROM/MCU:** A small memory chip that stores identifying information (Vendor ID, Serial Number, Part Number) and supports **DOM/DDM** (Digital Optical Monitoring) if supported by the "CE" designation.
#### C. The PCB Layout
* **Gold Fingers:** The 20-pin electrical interface that plugs into the host switch/router.
* **Filtering Capacitors:** Used to stabilize the 3.3V power supply and reduce electromagnetic interference (EMI).
---
### 3. Suffix Meanings
* **-R:** Usually indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the electronic components are lead-free.
* **-CE:** Often indicates **Commercial/Extended Temperature** range or European Conformity (CE Marking) for safety and EMC standards.
---
### 4. Application Use-Case
These modules are primarily used in:
1. **Industrial Switches:** Connecting factory floor hardware over long distances.
2. **Media Converters:** Changing copper Ethernet signals to fiber optics.
3. **Data Centers:** High-speed uplinks between server racks.
- ⤷
Does the M2AS1-4444-R/CE support Digital Diagnostics Monitoring (DDM)?
- ⤷ What is the maximum fiber distance supported by this specific model?
- ⤷ Is this transceiver compatible with Cisco or Juniper hardware standard protocols?