M2AS1-5113-R/Q
AI

Based on the model number **M2AS1-5113-R/Q**, this component belongs to the **M2AS series** of Solid State Relays (SSRs) or specialized Power Modules, typically manufactured by companies like **M-System** or similar industrial electronics providers.
Below is a breakdown of the electronic characteristics and specifications for this part.
---
## 1. General Specifications
The M2AS1 series is generally characterized as a **Plug-in type Signal Transmitter** or an **Electronic Relay Module**. These are used in industrial automation to isolate and convert signals or control power loads.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Solid State Relay / Signal Conditioner |
| **Input Signal** | DC Current or Voltage (Depending on configuration) |
| **Output Type** | Relay Contact or Transistor Output |
| **Mounting** | Plug-in (8-pin or 11-pin base) |
| **Response Time** | $\leq$ 0.5 seconds (Standard) |
---
## 2. Part Number Breakdown
While specific manufacturer prefixes can vary, the suffix codes generally follow this logic:
* **M2AS1**: The base model series (Signal Conditioner/Relay).
* **5**: Power Input code (Commonly indicates **24V DC**).
* **1**: Input Signal code (Commonly indicates **4-20mA DC** or **1-5V DC**).
* **13**: Output Signal code (Commonly indicates **High-capacity Relay** or specific Voltage output).
* **-R/Q**:
* **R**: Often denotes the Power Supply requirement (e.g., **24V DC**).
* **Q**: Usually indicates a "Special Specification" or "Quality/Option" tag (often requiring additional documentation for custom calibration).
---
## 3. Electronic Components Internal Structure
Internally, the device consists of several functional stages to ensure industrial safety and signal integrity:
### A. Galvanic Isolation
Uses **Optocouplers** or **Transformers** to provide isolation between the input, output, and power supply. This prevents high-voltage spikes from damaging the control PLC/DCS.
### B. Input Signal Processing
Contains a precision resistor network (for current inputs) and an operational amplifier (Op-Amp) to stabilize the incoming signal.
### C. Output Switching
Depending on the specific "13" code, the output stage consists of:
* **Electromechanical Relay:** For high-load switching with physical contacts.
* **Photo-MOSFET:** For high-speed switching and longevity.
---
## 4. Typical Wiring Diagram (Conceptual)
```markdown
[Input Terminal] (+) ----[ 1 ]
(-) ----[ 2 ]
[Output Terminal] (NO)---[ 4 ]
(C) ---[ 5 ]
[Power Supply] (+) ---[ 7 ] (24V DC)
(-) ---[ 8 ]
```
---
## 5. Application Areas
* **PLC Interfacing:** Converting low-power controller signals to high-power actuator signals.
* **Signal Isolation:** Breaking ground loops in complex industrial sensors.
* **Safety Interlocks:** Providing physical air-gap disconnection in emergency circuits.
- ⤷
Does your specific module have a 24V DC or 100V AC power supply requirement?
- ⤷ Are you looking for a pin-compatible replacement for the M2AS1 series?
- ⤷ Would you like the specific input/output impedance values for this model?