M2AS1-5121-R2/CE
AI

The **M2AS1-5121-R2/CE** is a high-performance, industrial-grade M.2 Solid State Drive (SSD) manufactured by **Innodisk**. It belongs to the M.2 (S42) 3TE7 series, specifically designed for embedded systems, automation, and telecommunications where reliability is critical.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (S42) - 22mm x 42mm |
| **Capacity** | 512 GB |
| **Interface** | SATA III 6.0 Gb/s |
| **Flash Type** | 3D TLC (Triple-Level Cell) |
| **Controller** | Marvell or Innodisk Proprietary (varies by revision) |
| **Input Voltage** | DC 3.3V ± 5% |
| **Max Power Consumption** | ~2.0W (Active), 0.5W (Idle) |
| **Endurance** | 3,000 P/E cycles |
---
### 2. Electronic Components & Features
The "R2" in the part number often signifies a hardware revision or a specific firmware enhancement. Below are the primary electronic functional blocks:
#### A. Storage Architecture (3D TLC)
The drive uses **3D TLC NAND**. Unlike standard consumer TLC, these industrial versions are often optimized with a specialized firmware layer to handle higher program/erase (P/E) cycles and better data retention at high temperatures.
#### B. Data Security & Integrity
* **iData Guard™:** An electronic power-sensing circuit that protects data during an unexpected power loss. It ensures the last command is completed before the drive shuts down.
* **iCell Technology:** This model likely includes a set of capacitors (or firmware-based management) to flush data from the volatile DRAM cache to the non-volatile NAND during power failure.
* **AES Encryption:** Supports hardware-based AES 256-bit encryption to protect data without impacting CPU performance.
#### C. Health Monitoring (iSMART)
The electronic controller tracks various parameters accessible via **S.M.A.R.T.** commands. In Innodisk drives, this is branded as "iSMART," allowing engineers to monitor:
* Remaining life (Wear leveling)
* Temperature fluctuations
* Unexpected power cycles
---
### 3. Application Use-Cases
Given the small form factor (**2242**) and high capacity (**512GB**), this part is typically used in:
1. **Industrial PCs (IPC):** Where space is limited and vibration resistance is required.
2. **Networking Appliances:** Edge routers and gateways that require fast boot times.
3. **Medical Equipment:** High-reliability storage for diagnostic imaging.
---
- ⤷
What are the differences between the 3TE7 and 3MG2 series from Innodisk?
- ⤷ How does the iData Guard technology specifically handle power interruptions?
- ⤷ Can this drive be used in 'Wide Temperature' environments (-40°C to +85°C)?