AI

The **M2AS1-5131-R/Q** refers to a high-performance **Step-Servo Motor** (integrated motor and drive) manufactured by **Applied Motion Products**. This specific part belongs to the M2 series, designed for closed-loop control in industrial automation.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Motor Type** | NEMA 23 Integrated Step-Servo |
| **Control Method** | Closed-loop (Servo) control |
| **Communication** | RS-485 / Modbus RTU |
| **Input Voltage** | 12 - 48 VDC |
| **Holding Torque** | 1.1 N-m (156 oz-in) |
| **Encoder Resolution** | 20,000 counts/rev (5,000 lines) |
| **I/O Configuration** | 4 Digital Inputs, 2 Digital Outputs, 1 Analog Input |
---
### 2. Core Electronic Components & Features
#### A. Integrated Encoder (Closed-Loop)
Unlike traditional "open-loop" stepper motors, this part features a high-resolution optical or magnetic encoder. This allows the internal electronics to:
* Eliminate stall conditions (losing steps).
* Correct position errors in real-time.
* Reduce heat by applying current only when torque is demanded.
#### B. The Integrated Drive & Controller
The "S" in the part number indicates it is a **Programmable Drive**. The internal circuitry includes:
* **Microprocessor:** Handles SCL (Streaming Command Language) and Q programming (on-board logic).
* **Power MOSFETs:** High-efficiency switching for phase current control.
* **Protection Circuits:** Over-voltage, under-voltage, and over-temperature safety shutdowns.
#### C. Communication Interfaces
* **RS-485:** Allows for daisy-chaining multiple motors (up to 32 nodes) over a single serial bus.
* **Q Programming:** The "Q" variant allows the user to download a motion control program directly to the motor's non-volatile memory, enabling it to run as a standalone controller without a PC or PLC.
---
### 3. Wiring and Connection Interface
The electronic interface typically uses the following connectors:
1. **Power Connector:** 2-pin for DC voltage input.
2. **I/O Connector:** Multi-pin for hardware signals (Limits, E-stop, Sensors).
3. **Comm Port:** RJ45 or similar for RS-485 communication.
---
### 4. Summary of Benefits
* **Space Saving:** No need for a separate drive cabinet.
* **High Precision:** 20,000 counts per revolution ensures micro-positioning accuracy.
* **Efficiency:** Runs cooler and quieter than standard NEMA 23 steppers.
---
- ⤷
How do I wire the RS-485 port for daisy-chaining multiple M2AS1 motors?
- ⤷ What is the difference between the R and Q versions in terms of software programming?
- ⤷ Can this motor be controlled via a standard PLC pulse/direction signal?