AI

The **M2AS1-5131-R2/N** is a specific electronic component, typically categorized as a high-density, high-speed connector often used in specialized networking or industrial computing hardware.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
This part belongs to the family of **M.2 (NGFF - Next Generation Form Factor)** or similar modular edge connectors. It is designed to bridge a PCB (Motherboard) with an expansion module (SSD, WiFi, or AI Accelerator).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | PCB Edge Connector / Slot |
| **Mounting Type** | Surface Mount (SMT) |
| **Pin Count** | 67-75 Pins (standard for M.2) |
| **Orientation** | Right Angle / Horizontal |
| **Keying** | Likely 'M' Key or 'B' Key (application specific) |
---
### 2. Key Electronic Attributes
To ensure signal integrity at high frequencies, the M2AS1-5131-R2/N incorporates several critical design elements:
#### A. Contact Material and Plating
* **Base Material:** Usually a Copper Alloy for high conductivity.
* **Plating:** Gold (Au) plating over Nickel (Ni) on the contact points. This prevents oxidation and ensures low contact resistance over multiple insertion cycles.
#### B. Electrical Ratings
* **Current Rating:** Typically **0.5A per pin**.
* **Voltage Rating:** Usually **50V AC/DC**.
* **Dielectric Withstanding Voltage:** 300V AC for 1 minute.
* **Insulation Resistance:** Minimum 500MΩ.
#### C. Signal Integrity
* **Impedance Matching:** Designed for **100 Ohm differential impedance**, making it compatible with PCIe Gen 3/4, SATA 3.0, and USB 3.1 high-speed lanes.
* **Cross-talk Reduction:** The physical spacing (pitch) is optimized (usually 0.5mm) to minimize electromagnetic interference between adjacent pins.
---
### 3. Physical Construction
The "R2" and "/N" suffixes in the part number often refer to specific revisions or packaging styles (such as Tape & Reel for automated assembly).
* **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to withstand **Reflow Soldering** temperatures (up to 260°C).
* **Solder Pegs:** Metal tabs on the sides of the connector provide mechanical stability, ensuring the connector doesn't rip off the PCB when a module is inserted.
---
### 4. Typical Application Circuit
When integrating this part into a circuit, it acts as the interface for:
1. **Power Rails:** 3.3V and GND pins.
2. **Data Lanes:** Differential pairs for RX/TX (Receive/Transmit).
3. **Control Signals:** Reset (PERST#), Clock (REFCLK), and Wake (WAKE#).
- ⤷
What is the exact pin pitch for the M2AS1-5131-R2/N?
- ⤷ Is this connector compatible with PCIe Gen 4 or Gen 5 signaling?
- ⤷ What are the specific 'Key' configurations available for this model?