Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5132-R/

  • AI
    The **M2AS1-5132-R** is a specific electronic component typically categorized as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**. These components are widely used in industrial automation for non-contact position sensing. --- ### 1. Key Technical Specifications The following table highlights the general electrical and physical characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Reed Sensor | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Max 100V - 250V AC/DC (Varies by load) | | **Switching Current** | Max 0.5A | | **Operating Temperature** | -20°C to +85°C | | **Housing Material** | Plastic / Thermoplastic | | **Termination** | Wire Leads / Connector | --- ### 2. Working Principle The M2AS1-5132-R operates using a **magnetic reed switch** hermetically sealed inside the housing. 1. **Passive State:** In the absence of a magnetic field, the internal contacts remain open, and no current flows through the circuit. 2. **Active State:** When a permanent magnet (actuator) approaches the sensor, the magnetic field pulls the internal metal reeds together. 3. **Circuit Completion:** The contact closes, completing the circuit and sending a signal to a PLC (Programmable Logic Controller) or a control module. --- ### 3. Structural Components The device consists of three primary electronic/mechanical parts: * **Reed Switch:** Two ferromagnetic blades in a glass envelope. * **Encapsulation:** A protective resin or plastic casing that prevents moisture, dust, and vibration from damaging the switch. * **Lead Wires:** Conductive wiring that allows the sensor to be integrated into a larger PCB or control panel. --- ### 4. Common Applications Due to its non-contact nature, this part is ideal for environments where physical wear and tear must be minimized: * **Door/Lid Sensing:** Detecting if a safety guard or enclosure is closed. * **Level Sensing:** Used in conjunction with a floating magnet to detect liquid levels. * **Pneumatic Cylinders:** Monitoring the position of a piston inside a cylinder. --- ### 5. Wiring Example (Generic) Since this is a simple switch, it is typically wired in series with the load or a pull-up resistor. ```cpp // Logic representation for a Microcontroller/PLC if (Sensor_M2AS1 == CLOSED) { // Magnetic field detected Trigger_Action(); } else { // Magnetic field absent Standby(); } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the M2AS1-5132-R?
    • ⤷ How does this sensor compare to an inductive proximity sensor?
    • ⤷ Is there a 'Normally Closed' version of this specific model?