Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5133-R/CE

  • AI
    The **M2AS1-5133-R/CE** is a specialized high-performance industrial computing component, specifically a **COM Express Type 6 Compact Module**. These modules are designed to serve as the "brains" of a custom carrier board, commonly used in automation, medical imaging, and defense. --- ### 1. Core Technical Specifications The "5133" in the part number typically refers to the integration of an **Intel® Atom® x6000E Series** (Elkhart Lake) processor. | Feature | Specification | | :--- | :--- | | **Processor** | Intel® Atom® x6425E / x6413E (typical for this series) | | **Form Factor** | COM Express® Compact (95 x 95 mm) | | **Pin-out Type** | Type 6 | | **Memory Support** | Dual-channel DDR4 SODIMM (up to 32GB) | | **Graphics** | Intel® UHD Graphics (supports 4K resolution) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Interfaces As a Type 6 module, it routes high-speed signals through two 220-pin connectors to a carrier board. * **PCIe Lanes:** Supports multiple PCIe Gen 3 lanes for NVMe storage or external FPGA cards. * **Ethernet:** Usually features integrated 2.5GbE controllers with TSN (Time Sensitive Networking) support. * **Display Interfaces:** Supports 3 independent displays via DisplayPort, HDMI, or eDP/LVDS. * **USB/SATA:** High-speed USB 3.2 Gen 2 (10Gbps) and SATA III (6Gbps) ports. --- ### 3. "R/CE" Suffix Meaning In industrial electronics nomenclature: * **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free. * **CE:** Indicates **European Conformity** marking, proving the module meets health, safety, and environmental protection standards. --- ### 4. Application Areas Because of its small footprint and rugged design, this part is used in: 1. **Industrial IoT Gateways:** Processing edge data in harsh environments. 2. **Medical Equipment:** High-resolution ultrasound or diagnostic stations. 3. **Robotics:** Handling real-time motion control and vision processing.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for this specific COM Express module?
    • ⤷ Which carrier boards are compatible with the M2AS1-5133-R/CE?
    • ⤷ Does this module support ECC (Error Correction Code) memory?