Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5133-R/Q

  • AI
    The **M2AS1-5133-R/Q** is a high-performance **RF/Microwave Low Pass Filter (LPF)** manufactured by **Mini-Circuits**. It is part of their LTCC (Low Temperature Co-fired Ceramic) product line, designed for high-reliability applications where space and temperature stability are critical. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Passband Frequency** | DC to 5133 MHz | | **Insertion Loss** | < 1.0 dB (typical) | | **Stopband Rejection** | > 20 dB @ 6900 MHz | | **Power Handling** | Up to 1W (CW) | | **Connector Type** | Surface Mount (SMT) / Case Style: GE0805C-2 | | **Impedance** | 50 Ohms | | **Operating Temp** | -55°C to +125°C | --- ### Core Electronic Components & Construction #### 1. LTCC Technology The "M2AS" series utilizes **Low Temperature Co-fired Ceramic** technology. This involves multiple layers of dielectric ceramic material with printed silver conductors. It allows for: * **Miniaturization:** High component density in a small 0805 footprint. * **Thermal Stability:** Extremely stable performance across wide temperature ranges compared to traditional PCB-based filters. #### 2. Lumped Element Topology Internally, the part acts as a network of **Capacitors (C)** and **Inductors (L)**. * **Series Inductors:** High-frequency signals encounter high impedance (blocking). * **Shunt Capacitors:** High-frequency signals are shunted to ground. * **Result:** Only signals below 5133 MHz pass through with minimal loss. #### 3. Material Composition * **Base Material:** Ceramic. * **Terminations:** Tin (Sn) over Nickel (Ni) or Silver (Ag) barrier, ensuring excellent solderability and resistance to leaching. --- ### Typical Applications Due to its sharp cutoff and high-frequency capabilities, this part is commonly used in: * **Harmonic Rejection:** Filtering out unwanted multiples of a carrier signal in transmitters. * **VCO (Voltage Controlled Oscillators):** Removing phase noise and spurious emissions. * **Radar & Defense:** Ruggedized design suitable for harsh environments. * **5G/WiFi 6 Systems:** Clean-up of broadband signals in the 5GHz spectrum. --- ### Decoding the Part Number * **M2AS:** Series designation (LTCC Filter). * **5133:** The cutoff frequency (approx. 5133 MHz). * **R/Q:** Specific packaging or testing variations (e.g., Reel/Quantity specifications or RoHs compliance).
    ✨ Follow-up Questions
    • ⤷What is the difference between LTCC filters and traditional microstrip filters?
    • ⤷ How does the insertion loss affect signal integrity in a 5GHz circuit?
    • ⤷ Are there specific soldering profiles recommended for the GE0805C-2 case style?