AI

The **M2AS1-5133-R2/CE** is a specialized electronic component, typically categorized as a high-frequency **Magnetic Component** or **Signal Transformer**, often utilized in telecommunications, networking hardware, or power management circuits.
---
## 1. Component Identification & Specifications
Based on the nomenclature and industry standards for this series, here are the technical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Surface Mount (SMD) Magnetic Transformer/Inductor |
| **Core Material** | Ferrite (optimized for high-frequency low loss) |
| **Configuration** | Typically a 1:1 or 1:N ratio signal transformer |
| **Compliance** | RoHS compliant, CE marked (European Conformity) |
| **Common Application** | Impedance matching, isolation, or signal filtering |
### Key Technical Parameters
* **Operating Temperature:** Generally rated for **-40°C to +85°C** (Industrial grade).
* **Mounting Type:** Surface Mount Device (SMD/SMT) for automated PCB assembly.
* **R2 Designation:** Usually refers to a specific revision or resistance/tolerance classification within the manufacturer's series.
---
## 2. Structural Composition
The internal electronic parts of the M2AS1-5133-R2/CE consist of:
1. **Windings:** Fine copper wire (magnet wire) coated in polyimide insulation, wound precisely to achieve specific inductance values.
2. **Ferrite Core:** A magnetic ceramic compound that concentrates the magnetic flux, allowing for a compact form factor.
3. **Terminations:** Solder-plated leads (Sn/Ag/Cu) designed for reflow soldering processes.
4. **Encapsulation:** An epoxy or plastic molded case that protects the internal wire from moisture and mechanical stress.
---
## 3. Usage in Circuit Design
This part is commonly found in the following electronic environments:
### Isolation & Safety
It provides **Galvanic Isolation**, separating the input and output circuits to prevent high-voltage spikes from damaging sensitive downstream components (like microcontrollers or DSPs).
### Signal Integrity
Used in networking (Ethernet/Token Ring) to suppress **Common Mode Noise** and ensure that the signal waveform remains clean over long distances.
### Power Conversion
In some configurations, these parts act as flyback or gate-drive transformers to switch MOSFETs on and off within high-speed power supplies.
---
- ⤷
What is the exact inductance value for the R2 variant?
- ⤷ Can this part be used in automotive-grade applications?
- ⤷ What are the footprint dimensions for the PCB layout?