M2AS1-5142-R/CE
AI

The **M2AS1-5142-R/CE** is a specific electronic component, typically categorized as a **Micro-USB 2.0 Connector**. It is designed for Surface Mount Technology (SMT) and is widely used in portable electronics for power charging and data transfer.
---
### 1. Technical Specifications
Below are the primary electrical and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Gender** | Female (Receptacle) |
| **Mounting Type** | SMT (Surface Mount) / Bottom Mount |
| **Number of Pins** | 5 Pins |
| **Current Rating** | 1.0A - 1.8A (Pin dependent) |
| **Voltage Rating** | 30V AC/DC |
| **Durability** | 10,000 Mating Cycles |
| **Housing Material** | High-Temperature Thermoplastic (LCP) |
---
### 2. Physical Design & Construction
The "R/CE" suffix often denotes specific compliance and physical orientation:
* **Shielding:** The body is encased in a stainless steel or copper alloy shell to provide EMI/RFI protection and structural integrity.
* **Mounting Style:** Usually features "Mid-Mount" or "Bottom-Mount" legs. This allows the connector to sit lower on the PCB, reducing the overall thickness of the device (common in slim smartphones or tablets).
* **Lead-Free Compliance:** The "R" usually indicates **RoHS Compliance**, meaning the part is free from restricted hazardous substances like lead.
---
### 3. Pin Configuration (5-Pin Layout)
In standard Micro-USB Type B applications like the M2AS1 series, the pins are assigned as follows:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| **1** | VCC | +5V DC Power |
| **2** | D- | Data Minus |
| **3** | D+ | Data Plus |
| **4** | ID | OTG (On-The-Go) Identification |
| **5** | GND | Ground |
---
### 4. Common Applications
Due to its compact form factor and high durability, this part is found in:
1. **Mobile Devices:** Older smartphones, tablets, and e-readers.
2. **Peripherals:** Wireless mice, keyboards, and Bluetooth speakers.
3. **IoT Modules:** Powering ESP32 or Arduino-based development boards.
4. **Charging Docks:** Dedicated charging stations for wearable tech.
---
- ⤷
What are the PCB footprint requirements for the M2AS1-5142-R/CE?
- ⤷ How does a mid-mount connector differ from a top-mount connector in PCB design?
- ⤷ What are the recommended soldering temperature profiles for this SMT component?