M2AS1-5142-R2/Q
AI

The **M2AS1-5142-R2/Q** is a high-performance, automotive-grade Ethernet magnetic module (discrete transformer) manufactured by **Pulse Electronics**. It is specifically designed to provide galvanic isolation and noise filtering for Ethernet communication interfaces in vehicles.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Port Configuration** | Single Port (1x1) |
| **Ethernet Speed** | 1000Base-T (Gigabit Ethernet) |
| **Turns Ratio** | 1:1 (Transmitter & Receiver) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade) |
| **Isolation Voltage** | 1500 Vrms |
| **Inductance (OCL)** | 350 µH Min @ 100kHz, 0.1V |
| **Qualification** | AEC-Q200 Qualified |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Electronic Sections
This part is more than just a transformer; it contains several internal components integrated into a single package:
#### A. Isolation Transformer
The core component provides **Galvanic Isolation**. This protects the sensitive Ethernet PHY (Physical Layer) chip from high-voltage transients on the network cable and prevents ground loops between different electronic control units (ECUs) in the car.
#### B. Common Mode Choke (CMC)
The "R2/Q" variants typically feature integrated common-mode chokes. These are inductors designed to suppress electromagnetic interference (EMI). They allow the differential data signals to pass while blocking high-frequency noise that could radiate from the cable or be picked up from the vehicle's engine environment.
#### C. Termination Network
Internally, these modules often include resistors and capacitors (Bob Smith Termination) to match the impedance of the twisted-pair cable (usually 100 ohms), reducing signal reflections and improving signal integrity.
---
### 3. Application Context
In an automotive system, the M2AS1-5142-R2/Q is placed between the **Ethernet PHY** and the **RJ45/Automotive Connector**.
1. **ADAS (Advanced Driver Assistance Systems):** Used to transmit high-definition camera data to the central processing unit.
2. **Infotainment:** Connecting head units to displays and amplifiers.
3. **Gateways:** Serving as the backbone for communication between different vehicle domains.
---
### 4. PCB Design Considerations
When using this part, engineers must follow specific layout rules:
* **Keep-out Zones:** Do not run signal traces or ground planes directly under the transformer to maintain the 1500V isolation barrier.
* **Differential Pairing:** Maintain strict 100-ohm differential impedance for the traces leading from the PHY to the transformer.
* **Thermal Management:** Ensure the soldering profile matches the AEC-Q200 requirements for high-reliability automotive soldering.
- ⤷
What is the difference between the R2 and standard versions of this Pulse transformer?
- ⤷ How does the AEC-Q200 qualification impact the testing process for this part?
- ⤷ Can this transformer be used for Power over Ethernet (PoE) applications?