M2AS1-5213-R/CE
AI

The **M2AS1-5213-R/CE** is a high-performance **Industrial AC Servo Motor** manufactured by **Delta Electronics**, belonging to the **ASDA-M series**. This motor is specifically designed for high-precision motion control applications where multi-axis synchronization and efficiency are critical.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Rated Power Output** | 1.5 kW (1500 Watts) |
| **Rated Speed** | 2000 RPM |
| **Max Speed** | 3000 RPM |
| **Rated Torque** | 7.16 N-m |
| **Peak Torque** | 21.48 N-m |
| **Encoder Resolution** | 20-bit (approx. 1,280,000 pulses/rev) |
| **Input Voltage** | 220V AC (3-Phase) |
| **Protection Rating** | IP65 (Dust-tight and water-jet resistant) |
---
### 2. Core Electronic Components & Features
#### A. 20-Bit Optical Encoder
The "13" in the model code indicates the use of a high-resolution 20-bit incremental encoder.
* **Function:** It provides real-time feedback to the servo drive regarding position and speed.
* **Benefit:** Allows for extremely smooth rotation at low speeds and eliminates mechanical vibration through high-frequency sampling.
#### B. Permanent Magnet Synchronous Motor (PMSM) Structure
The motor utilizes high-grade rare-earth magnets on the rotor.
* **Electronic Efficiency:** Reduced energy loss compared to induction motors.
* **Response Time:** Low rotor inertia allows for rapid acceleration and deceleration cycles.
#### C. Integrated Brake System (R-Suffix)
The **"R"** in the part number typically signifies the inclusion of an **Electromagnetic Brake**.
* **Safety:** Automatically locks the motor shaft when power is lost.
* **Application:** Essential for vertical (Z-axis) loads to prevent the axis from falling due to gravity.
#### D. Connection Interface (CE Standard)
The **"CE"** suffix ensures the motor meets European safety and electromagnetic compatibility standards.
* **Shielded Cables:** Requires specific power and encoder cables to reduce EMI (Electromagnetic Interference).
* **Insulation:** Class B or F insulation to handle high-frequency switching from the PWM (Pulse Width Modulation) drive.
---
### 3. Wiring and Integration
To operate this part, it must be paired with a compatible Delta **ASDA-M** or **ASDA-A2** series drive.
```yaml
Connection_Types:
Power_Connector: 4-pin (U, V, W, Ground)
Encoder_Connector: Military-grade or High-density circular connector
Brake_Lead: 2-pin DC24V input
```
---
### 4. Applications
* **CNC Machining:** High-torque precision for milling.
* **Packaging Machines:** High-speed synchronization.
* **Robotic Arms:** Multi-axis control involving heavy payloads.
---
- ⤷What is the difference between the M2AS and ECMA series motors?
- ⤷ How do I wire the 24V brake for the R-suffix model?
- ⤷ What are the recommended Delta drive models for this 1.5kW motor?