Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5224-R/CE

  • AI
    The **M2AS1-5224-R/CE** is a specialized electronic component primarily used in industrial control systems and rail applications. It is a **solid-state relay (SSR) module** or an **interface relay terminal** typically manufactured by companies like DECA Switchlab or specialized industrial electronics firms. --- ### 1. Technical Specifications The model name follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Output Type** | Solid State / Relay Contact (Application dependent) | | **Channels** | Single channel (typically) | | **Mounting Type** | DIN Rail (35mm) | | **Operating Temperature** | -25°C to +70°C | | **Certifications** | CE, RoHS | --- ### 2. Key Components & Construction The internal circuitry of this module is designed for reliability in harsh environments: * **Isolation Barrier:** Uses an optocoupler to provide galvanic isolation between the low-power control circuit (PLC side) and the high-power load circuit. * **Protection Circuitry:** Includes reverse polarity protection on the input side and surge protection (often via MOVs or Snubber circuits) on the output side. * **Status Indicators:** Features an integrated LED (usually green or red) to provide visual confirmation of the input signal status. * **Housing:** Made of flame-retardant polyamide (PA66) suitable for high-density DIN rail mounting. --- ### 3. Application Use Cases This part is commonly found in automation cabinets for the following purposes: 1. **Signal Interfacing:** Connecting a PLC's low-power digital output to a high-power field device (like a motor starter or solenoid valve). 2. **Galvanic Isolation:** Protecting sensitive control electronics from electrical noise and voltage spikes occurring on the load side. 3. **Signal Multiplication:** Using one control signal to switch a larger current load safely. --- ### 4. Connection Diagram (General) The wiring typically follows standard interface terminal logic: ```markdown Input Side (Control): - Terminal A1 (+): 24V DC Signal from PLC - Terminal A2 (-): Common/Ground Output Side (Load): - Terminal 13/14: Normally Open (NO) Contact - Terminal 11/12: Common/NC (if applicable) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M2AS1-5224-R/CE?
    • ⤷ Does this model support AC loads or only DC loads?
    • ⤷ How do I replace the relay if the internal contact fails?