M2AS1-5234-R2
AI

The **M2AS1-5234-R2** is a specialized electronic component, typically identified as an **AC-DC Power Supply Module** or a **Server Power Module**, often associated with networking hardware and server chassis (such as those from Advantech or similar industrial computing brands).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This unit is designed for high-availability environments where redundant power is critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Redundant Power Supply Unit (PSU) |
| **Form Factor** | 1U / M2AS Series |
| **Total Wattage** | 300W - 400W (depending on specific revision) |
| **Input Voltage** | 90 ~ 264 VAC (Universal Input) |
| **Input Frequency** | 47 ~ 63 Hz |
| **Efficiency** | 80 Plus (Standard or Bronze level) |
---
### 2. Output Rail Distribution
The "5234" naming convention often refers to the internal voltage rail configuration. The module converts AC input into multiple DC rails to power motherboards and peripherals.
| Rail | Voltage | Function |
| :--- | :--- | :--- |
| **+3.3V** | 3.3V DC | Powers logic circuits and low-voltage ICs |
| **+5V** | 5.0V DC | Powers USB ports and older logic components |
| **+12V** | 12.0V DC | Primary rail for CPUs, GPUs, and Hard Drives |
| **+5Vsb** | 5.0V DC | Standby power for remote wake-up and BMC |
---
### 3. Key Electronic Features
* **Active PFC (Power Factor Correction):** Includes internal circuitry to ensure the power factor is >0.9, reducing electrical waste and heat.
* **Redundancy Support:** Features a "hot-swap" connector. It is designed to work in a 1+1 configuration, meaning if one module fails, the other takes over without system downtime.
* **Protection Circuitry:**
* **OVP:** Over Voltage Protection.
* **OCP:** Over Current Protection.
* **SCP:** Short Circuit Protection.
* **Cooling:** Includes an integrated high-RPM cooling fan (usually 40mm) controlled by an internal thermal sensor.
---
### 4. Typical Applications
The M2AS1-5234-R2 is commonly found in:
1. **Industrial Rackmount Servers:** 1U or 2U chassis.
2. **Storage Arrays:** High-density NAS or SAN units.
3. **Communication Hubs:** Telecommunication switching gear.
---
### 5. Pinout and Interface
The module uses a **Gold Finger** (PCB edge connector) rather than standard ATX cables. This interface carries:
* Main DC power outputs.
* **PS-ON Signal:** Allows the motherboard to trigger the power supply.
* **I2C / SMBus:** For digital communication (monitoring fan speed, temperature, and load).
- ⤷
What is the exact pinout configuration for the M2AS series gold finger connector?
- ⤷ Can this PSU be used in a standard ATX desktop case with an adapter?
- ⤷ What are the common failure symptoms for the M2AS1-5234-R2 module?