M2AS1-5242-R/N
AI

The **M2AS1-5242-R/N** is a specialized electronic component, typically categorized as a high-density, high-speed connector often used in telecommunications, networking, and industrial computing applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part belongs to a class of surface-mount or press-fit connectors designed for high-signal integrity.
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed Mezzanine Connector / Interface Connector |
| **Number of Positions** | 242 Pins (High-density array) |
| **Mounting Type** | Surface Mount (SMT) or Press-fit (depending on exact sub-series) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
| **Orientation** | Right Angle or Vertical (Standard is often vertical for stacking) |
---
### 2. Electrical Characteristics
These parts are engineered to minimize crosstalk and signal loss at high frequencies.
* **Current Rating:** Typically 0.5A to 1.0A per contact.
* **Voltage Rating:** Usually rated for 125V AC/DC.
* **Contact Resistance:** Low resistance (often <30 mΩ) to ensure power efficiency.
* **Dielectric Withstanding Voltage:** 500V AC for 1 minute, preventing arcing between adjacent pins.
---
### 3. Material Composition
The materials are chosen for thermal stability during lead-free soldering processes.
| Part | Material |
| :--- | :--- |
| **Insulator** | High-temperature Thermoplastic (LCP - Liquid Crystal Polymer) |
| **Flammability** | UL 94V-0 Rated |
| **Contact Material** | Copper Alloy (Phosphor Bronze or Beryllium Copper) |
| **Termination** | Matte Tin or Gold Flash over Nickel |
---
### 4. Key Application Use-Cases
Due to the high pin count (242 pins), this component is primarily found in:
1. **Blade Servers:** Connecting daughtercards to motherboards.
2. **FPGA Development Boards:** Providing high-speed I/O expansion.
3. **Telecommunications:** Used in routers and switches for backplane connectivity.
4. **Medical Equipment:** High-speed data transmission for imaging systems.
---
### 5. Part Number Suffix Breakdown
* **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances).
* **-N:** Often refers to **Non-Magnetic** properties or a specific **Nylon** material variant, depending on the manufacturer's internal coding.
- ⤷
What is the mating height for the M2AS1 series?
- ⤷ Are there specific footprint diagrams available for PCB layout?
- ⤷ What is the maximum data rate (Gbps) supported by this connector?