M2AS1-5311-R/CE
AI

The **M2AS1-5311-R/CE** is a specialized industrial sensor, typically identified as an **Inductive Proximity Sensor** produced by manufacturers like *FOTEK* or similar industrial automation brands. These components are designed to detect the presence of metallic objects without physical contact.
---
### 1. Key Technical Specifications
The model name follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Sensing Type** | Inductive | Detects ferrous/non-ferrous metals using an electromagnetic field. |
| **Housing Size** | M12 / Square | Standard mounting dimensions for industrial brackets. |
| **Output Type** | NPN / PNP | Typically available in various output configurations (Collector-Emitter). |
| **State** | NO / NC | Normally Open or Normally Closed switching. |
| **Voltage Range** | 10-30V DC | Standard operating voltage for PLC inputs. |
| **Sensing Distance** | ~2mm to 5mm | Standard range for M12-sized inductive sensors. |
---
### 2. Internal Electronic Structure
The sensor consists of four primary electronic stages:
1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field directed out of the active face.
2. **Schmitt Trigger:** Monitors the amplitude of the oscillations. When a metal object enters the field, eddy currents are induced, dampening the oscillation.
3. **Output Amplifier:** Once the trigger point is reached, the internal transistor (NPN or PNP) switches state.
4. **Protection Circuits:** Usually includes reverse polarity protection and short-circuit protection to prevent damage from wiring errors.
---
### 3. Wiring Diagram Representation
Most models in this series use a standard 3-wire DC color code:
```yaml
Brown: Positive (+VDC)
Blue: Negative (0V / Ground)
Black: Signal Output (Load)
```
---
### 4. Application Context
* **Position Sensing:** Detecting the home position of a machine axis.
* **Counting:** Counting metallic parts on a high-speed conveyor belt.
* **Safety Interlocks:** Ensuring a metal guard is closed before a machine starts.
* **Durability:** The "CE" designation indicates compliance with European safety, health, and environmental protection requirements.
- ⤷
What is the difference between the NPN and PNP versions of this sensor?
- ⤷ How do I calculate the maximum switching frequency for this model?
- ⤷ What is the IP rating of the M2AS1 series for water resistance?