M2AS1-5324-R/CE
AI

Based on the part number **M2AS1-5324-R/CE**, this component is a high-performance **10G SFP+ Active Optical Cable (AOC)**, typically manufactured by vendors like Mellanox (NVIDIA Networking) or compatible generic manufacturers. These cables are used for high-speed data transmission in data centers and telecommunications.
### 1. Component Overview
An Active Optical Cable (AOC) consists of two SFP+ transceiver ends permanently attached to a multimode fiber optic cable. The "Active" part refers to the internal electronic components that convert electrical signals to optical signals and back.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) |
| **Data Rate** | 10.3125 Gbps |
| **Cable Type** | Active Optical Cable (AOC) |
| **Fiber Type** | Multimode Fiber (MMF) |
| **Standard Length** | 3 Meters (commonly represented by "3" in the series) |
| **Connector** | SFP+ to SFP+ |
---
### 2. Internal Electronic Architecture
The electronics inside the connector ends are responsible for signal integrity over distances where copper (DAC) cables would fail due to attenuation.
#### Key Electronic Modules:
1. **VCSEL Driver:** The Vertical-Cavity Surface-Emitting Laser driver converts the electrical input from the switch into current pulses to drive the internal laser.
2. **Optical Transmitter (850nm VCSEL):** A low-power laser that converts electrical bits into light pulses.
3. **PIN Photodiode:** Located at the receiving end to catch incoming light pulses.
4. **TIA (Trans-Impedance Amplifier):** Converts the current from the photodiode back into a usable voltage signal.
5. **MCU / EEPROM:** Contains the digital diagnostic monitoring (DDM) data and manufacturer identification codes.
---
### 3. Pinout Configuration (SFP+ Standard)
The electronic interface follows the SFF-8431 standard. Below is the simplified pin map for the electrical interface:
| Pin | Symbol | Description |
| :--- | :--- | :--- |
| 1 | VeeT | Transmitter Ground |
| 2 | TX_Fault | Transmitter Fault Indication |
| 3 | TX_Disable | Transmitter Disable |
| 12 | RD- | Receiver Inverted Data Output |
| 13 | RD+ | Receiver Non-inverted Data Output |
| 18 | TD+ | Transmitter Non-inverted Data Input |
| 19 | TD- | Transmitter Inverted Data Input |
---
### 4. Comparison: AOC vs. DAC (Copper)
| Feature | AOC (M2AS1-5324) | DAC (Direct Attach Copper) |
| :--- | :--- | :--- |
| **Weight** | Lightweight / Flexible | Heavy / Rigid |
| **EMI Immunity** | High (Optical) | Low (Copper) |
| **Power Consumption** | ~0.6W - 1W per end | <0.1W |
| **Max Distance** | Up to 100m | Up to 7m-10m |
- ⤷
What are the digital diagnostic monitoring (DDM) capabilities of this AOC?
- ⤷ How does the power consumption of this SFP+ module affect thermal management in a switch?
- ⤷ Is this specific part number compatible with Cisco or Arista hardware?