M2AS1-5324-R2
AI

Based on the part number **M2AS1-5324-R2**, this component belongs to the category of **High-Speed Stacking Connectors** (specifically from the M2AS series), commonly used in telecommunications, servers, and high-performance computing.
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Technical Specifications
This connector is designed for high-density Mezzanine applications, allowing two parallel PCBs to communicate at high speeds.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Mezzanine / Board-to-Board Connector |
| **Number of Positions** | 240 Pins (Typical for the 5324 series) |
| **Pitch** | 1.27mm or 0.8mm (Series dependent) |
| **Stack Height** | 5.0mm (Nominal) |
| **Data Rate** | Supports PCIe Gen 3/4, SAS, and Ethernet speeds |
| **Plating** | Gold (Au) over Nickel (Ni) on contact surfaces |
---
## 2. Key Electronic Characteristics
### Signal Integrity (SI)
* **Impedance Matching:** Designed to maintain a **100-ohm differential impedance** to minimize signal reflection in high-speed data paths.
* **Crosstalk:** Engineered with specific shielding or pin-mapping layouts to reduce Near-End Crosstalk (NEXT) and Far-End Crosstalk (FEXT).
### Power and Current
* **Current Rating:** Generally rated for **0.5A to 1.0A per pin**, depending on the temperature rise.
* **Voltage Rating:** Typically rated for **125V AC/DC**.
### Durability and Environment
* **Mating Cycles:** High-durability contacts usually rated for **100 to 500 mating cycles**.
* **RoHS Compliance:** The "-R2" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances), indicating lead-free manufacturing.
---
## 3. Physical Construction
### Materials
1. **Housing:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic, suitable for Lead-Free Reflow soldering processes.
2. **Contacts:** High-conductivity Copper Alloy for optimal signal transmission and low resistance.
### Mounting Style
* **Surface Mount Technology (SMT):** The "S1" in the part number often indicates a specific SMT foot pattern for automated pick-and-place assembly.
* **Alignment Pins:** Usually equipped with plastic or metal bosses to ensure correct orientation on the PCB before soldering.
---
## 4. Typical Applications
* **Blade Servers:** Connecting CPU boards to I/O expansion cards.
* **Network Switches:** High-bandwidth backplane connections.
* **Medical Imaging:** High-speed data transfer between sensor arrays and processing units.
* **Storage Arrays:** Connecting NVMe or SAS controllers to drive backplanes.
- ⤷
What is the exact pin count for the M2AS1-5324-R2?
- ⤷ What are the recommended reflow soldering temperature profiles for this connector?
- ⤷ How does the 'R2' suffix specifically differentiate this from the 'R1' version?