M2AS1-5333-R
AI

The **M2AS1-5333-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are critical in power management circuits, particularly for voltage regulation and filtering.
---
### 1. Key Technical Specifications
Based on standard nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 3.3 µH (Microhenries) |
| **Tolerance** | ±20% (Standard for this series) |
| **Component Type** | Fixed Inductor / Power Choke |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Shielding** | Often Magnetically Shielded (to reduce EMI) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
### 2. Physical Construction
The physical design of the M2AS1 series is optimized for high-density PCB layouts:
* **Core Material:** Usually a ferrite core or metal composite, designed to handle high saturation currents without losing inductance.
* **Termination:** Lead-free solder pads on the bottom for secure SMT attachment.
* **Form Factor:** Compact square or rectangular footprint (the "53" often refers to dimensions like 5.0mm x 5.0mm or 5.2mm x 5.2mm, depending on the manufacturer's specific coding).
### 3. Functional Role in Electronics
In a circuit, the M2AS1-5333-R performs several vital functions:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components like CPUs or FPGAs.
3. **Current Smoothing:** It reduces ripple current in power supplies, ensuring a steady voltage output.
### 4. Common Applications
* **Consumer Electronics:** Laptops, tablets, and smartphones.
* **Power Modules:** Point-of-Load (PoL) converters.
* **Automotive:** Infotainment systems and LED lighting drivers.
* **Industrial:** DC-DC industrial power bricks.
---
### 5. Symbol and Footprint (Generic)
```cpp
// Schematic Representation
L1
----(UUU)----
3.3uH
```
- ⤷
What is the maximum saturation current for the M2AS1-5333-R?
- ⤷ Can this inductor be used in high-temperature automotive environments?
- ⤷ What are the physical dimensions of the 5333 package size?