M2AS1-5333-R2/CE
AI

Based on the part number provided, this appears to be a specialized **Single-Board Computer (SBC)** or an **Industrial Mainboard**, typically associated with industrial automation or network appliance brands like Axiomtek or Lanner.
Below is a breakdown of the electronic architecture and key specifications for this type of hardware.
---
## 1. Core Architecture
The M2AS1 series is generally built around low-power, high-efficiency embedded processing.
| Component | Specification (Typical) |
| :--- | :--- |
| **Processor (CPU)** | Intel® Atom™ or Celeron® SoC (System on Chip) |
| **Memory Support** | DDR3L or DDR4 SO-DIMM slots (Non-ECC) |
| **BIOS/Firmware** | AMI UEFI BIOS with support for Watchdog Timer |
| **Form Factor** | Proprietary or 3.5" SBC form factor |
---
## 2. Connectivity and I/O Interfaces
Industrial boards focus on longevity and legacy support. The "R2/CE" designation usually indicates a specific hardware revision (R2) and European Compliance (CE).
### Network & Data
* **Ethernet:** Dual or Triple Gigabit LAN ports (usually Intel i210 or i211 controllers).
* **Storage:**
* SATA III (6Gb/s) connector.
* mSATA or M.2 slot for SSD integration.
* **USB:** Mix of USB 3.0 and USB 2.0 internal headers.
### Communication Ports
* **Serial Ports:** RS-232/422/485 headers for connecting to PLC or sensors.
* **GPIO:** General Purpose Input/Output (usually 8-bit) for hardware-level signaling.
---
## 3. Power and Environmental Specs
This part is engineered for "always-on" environments.
* **Power Input:** Wide-range DC input (typically 12V or 9V-36V).
* **Cooling:** Often features a passive heatsink (fanless design) to increase MTBF (Mean Time Between Failures).
* **Operating Temp:** Industrial grade, often rated from -20°C to +70°C.
---
## 4. Part Number Decoding (Typical)
While manufacturers vary, the string `M2AS1-5333-R2` generally breaks down as follows:
1. **M2AS1:** The base series or model family.
2. **5333:** Specific configuration code (may refer to the CPU clock speed or a specific port layout).
3. **R2:** Revision 2 (indicates hardware bug fixes or component end-of-life updates).
4. **CE:** Certified for use in the European Economic Area.
---
## 5. Application Areas
* **Industrial IoT Gateways:** Translating sensor data to the cloud.
* **Edge Computing:** Processing data locally before sending it to a central server.
* **Digital Signage:** High-reliability media playback.
* **Kiosks:** Powering automated self-service terminals.
- ⤷
Who is the original manufacturer of the M2AS1-5333-R2 board?
- ⤷ What is the maximum supported RAM capacity for this specific model?
- ⤷ Does this board support fanless operation in high-temperature environments?