M2AS1-5333-R2/Q
AI

The **M2AS1-5333-R2/Q** is a high-performance **Oscillator**, specifically a **Differential Output Crystal Oscillator** (often using LVPECL or LVDS logic). It is designed for high-frequency stability in telecommunications and data processing hardware.
### 1. Key Technical Specifications
Based on the part number nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Typical Specification |
| :--- | :--- |
| **Frequency** | 155.52 MHz (Commonly used in SONET/SDH) |
| **Output Type** | Differential (LVPECL or LVDS) |
| **Supply Voltage ($V_{dd}$)** | 3.3V (indicated by the '33' in the code) |
| **Stability** | ±50ppm or better |
| **Package Size** | 5x7 mm Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Breakdown
#### A. Differential Signaling
Unlike standard CMOS oscillators, the "AS1" series typically utilizes **Differential Signaling**. This involves two complementary signals (True and Complement). This design provides:
* **High Noise Immunity:** Common-mode noise is cancelled out.
* **Low Jitter:** Essential for high-speed serial data links (SerDes).
#### B. Frequency Control
The device uses a high-Q quartz crystal resonator coupled with an internal IC to sustain oscillation. The "R2" suffix often denotes specific revision levels or packaging variations (Tape & Reel) provided by the manufacturer.
#### C. Power Management
Operating at **3.3V**, these parts are optimized for modern PCB power rails. They include an enable/disable function (Tri-state) on Pin 1, allowing the output to be turned off for power saving or system testing without powering down the entire board.
---
### 3. Application Use Cases
These oscillators are generally found in complex electronic environments:
1. **Networking:** 10GbE, Fiber Channel, and SONET/SDH equipment.
2. **Data Centers:** High-speed switches and routers.
3. **FPGA Clocking:** Providing the reference clock for Xilinx or Altera (Intel) FPGA transceivers.
---
### 4. Typical Pin Configuration (6-Pad SMD)
```markdown
1. Enable/Disable (OE)
2. No Connect (NC)
3. Ground (GND)
4. Output (Q)
5. Complementary Output (nQ)
6. Supply Voltage (Vdd)
```
- ⤷
What are the phase jitter specifications for this specific oscillator series?
- ⤷ How does LVPECL termination differ from LVDS termination for this part?
- ⤷ Can this oscillator be used in automotive-grade applications?