M2AS1-5334-R/CE
AI

The **M2AS1-5334-R/CE** is a specialized electronic component, typically categorized as an **SFP (Small Form-factor Pluggable)** transceiver module, often utilized in industrial networking and telecommunications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic and operational characteristics of this component:
| Feature | Specification Details |
| :--- | :--- |
| **Module Type** | SFP (Small Form-factor Pluggable) |
| **Interface Type** | Optical (usually LC Connector) |
| **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) |
| **Wavelength** | 1310nm or 1550nm (Standard Single-mode/Multi-mode) |
| **Input Voltage** | 3.3V DC (Standard for SFP) |
| **Form Factor** | Hot-swappable I/O plug |
| **Compliance** | MSA (Multi-Source Agreement), RoHS, CE |
---
### 2. Core Electronic Architecture
The internal circuitry of the M2AS1-5334-R/CE consists of several critical subsystems:
#### A. Transmit Path (TX)
* **Laser Driver:** An integrated circuit that converts the electrical data signal into a modulated current to drive the laser diode.
* **Optical Source:** Usually a TOSA (Transmitter Optical Sub-Assembly) containing a Fabry-Perot (FP) or DFB laser.
#### B. Receive Path (RX)
* **Photodetector:** A ROSA (Receiver Optical Sub-Assembly) that converts incoming light pulses back into electrical current.
* **Transimpedance Amplifier (TIA):** Converts the weak current from the photodetector into a differential voltage.
* **Limiting Amplifier:** Cleans and reshapes the signal to ensure a standard logic output.
#### C. Control and Monitoring (DDM)
Most modern versions (signified by "CE" or similar suffixes) include **Digital Diagnostic Monitoring (DDM)**. This allows the host system to monitor real-time parameters via an I2C interface:
* Supply Voltage.
* Laser Bias Current.
* Receiver Optical Power.
* Internal Temperature.
---
### 3. Connection and Pinout
The module connects via a **20-pin gold finger connector**. Key pin groupings include:
1. **Power (VccT/VccR):** 3.3V supply for the transmitter and receiver sections.
2. **Data (TD+/- and RD+/-):** High-speed differential pairs for signal transmission.
3. **Control (TX_Disable, TX_Fault):** Logic pins to shut down the laser or report hardware failures.
4. **I2C (SDA/SCL):** Serial interface for ID and DDM data.
---
### 4. Application Environment
The "R" and "CE" suffixes often denote **Industrial Grade** or **Extended Temperature** ratings and European compliance.
* **Temperature Range:** Often -40°C to +85°C.
* **Usage:** Industrial switches, media converters, and base station backhaul.
- ⤷
What is the maximum transmission distance for the M2AS1-5334-R/CE?
- ⤷ How does the DDM feature help in network troubleshooting?
- ⤷ Is this module compatible with standard Cisco or Juniper switches?