M2AS1-5341-R/Q
AI

The **M2AS1-5341-R/Q** refers to a high-performance **RF/Microwave Termination** (commonly known as a "dummy load") produced by manufacturers like **Barry Industries**. This specific part is designed for high-power signal absorption in RF circuits.
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Power Rating** | 100 - 150 Watts | Dependent on proper heat sinking |
| **Resistance** | 50 Ohms | Standard impedance for RF systems |
| **Frequency Range** | DC to 4.0 GHz | Common range for telecommunications |
| **Tolerance** | ± 2% | Precision resistance matching |
| **Substrate Material** | BeO (Beryllium Oxide) | High thermal conductivity for heat dissipation |
| **Mounting Style** | Surface Mount (SMT) | Optimized for automated PCB assembly |
---
### 2. Key Features and Construction
* **Thermal Management:** The part utilizes **Beryllium Oxide (BeO)**. This ceramic material is an excellent electrical insulator but possesses thermal conductivity similar to metals, allowing the part to handle high wattage without melting.
* **Metallization:** The terminals are typically plated with **Silver (Ag)** or **Tin/Lead (SnPb)** depending on the specific suffix (R/Q), ensuring low-loss connections and good solderability.
* **Compact Form Factor:** Despite the high power rating, these parts are engineered for small footprints to save space on power amplifier boards.
---
### 3. Common Applications
These components are primarily used in infrastructure and high-frequency hardware:
1. **Isolators:** Used to absorb reflected power in circulators to protect sensitive RF components.
2. **Power Dividers/Combiners:** Acts as a balance resistor to dissipate energy when signals are out of phase.
3. **Radio Base Stations:** Integrated into cellular transmission equipment (LTE/5G) to manage signal termination.
4. **Test Equipment:** Provides a stable 50-ohm load for circuit calibration and testing.
---
### 4. Part Number Breakdown (Typical)
* **M2AS:** Series identifier (Specific to Barry Industries' high-power line).
* **5341:** Physical dimensions/Package size code.
* **-R/Q:** Finish or Screening options (e.g., RoHS compliance or High-Reliability testing).
- ⤷
What are the heat sinking requirements for a 100W RF termination?
- ⤷ How does BeO substrate compare to AlN (Aluminum Nitride) in RF parts?
- ⤷ What is the VSWR rating typically expected for the M2AS series?