M2AS1-5341-R2/CE
AI

The **M2AS1-5341-R2/CE** is a specialized power supply unit, typically utilized in enterprise-level server chassis or storage enclosures. It is categorized as a **Redundant AC-DC Power Supply Module**, designed to ensure high availability for mission-critical hardware.
---
### 1. Key Technical Specifications
Based on the part number conventions for these types of industrial power modules, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Slim/1U Redundant |
| **Input Type** | AC (Universal 100-240V) |
| **Output Power** | 400W - 550W (Typical for this series) |
| **Efficiency Rating** | 80 PLUS Gold or Platinum (Standard for CE models) |
| **Redundancy** | 1+1 or N+1 Support |
| **Cooling** | Internal 40mm PWM High-Speed Fan |
---
### 2. Electronic Components and Subsystems
The internal architecture of the M2AS1-5341-R2/CE consists of several critical stages:
* **EMI Filter Stage:** Uses X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the AC line.
* **PFC (Power Factor Correction):** An active PFC circuit ensures the power factor is near 0.99, optimizing energy usage and reducing harmonic distortion.
* **DC-DC Converters:** Since modern servers primarily use **+12V**, this unit focuses on high-amperage 12V output. Smaller DC-DC VRMs (Voltage Regulator Modules) are used internally to generate +5V and +3.3V if required by the backplane.
* **Hot-Swap Interface:** The rear of the unit features a gold-finger edge connector. This includes:
* **Power Rails:** Heavy-duty traces for current delivery.
* **I2C/PMBus Pins:** Allows the server OS to monitor temperature, fan speed, and power draw in real-time.
---
### 3. Safety and Certifications
The **"CE"** suffix in the part number indicates compliance with European Conformity standards, involving:
1. **LVD (Low Voltage Directive):** Ensures electrical safety for the user.
2. **EMC (Electromagnetic Compatibility):** Ensures the device does not interfere with other electronics.
3. **RoHS Compliance:** Guaranteed use of lead-free solder and components.
---
### 4. Application Context
These modules are rarely used standalone; they are inserted into a **Power Distribution Board (PDB)** within a server chassis. If one module (R1) fails, the **R2** (or second module) takes over the full load instantaneously without the server shutting down.
- ⤷
What is the maximum amperage output on the 12V rail for this model?
- ⤷ How do I troubleshoot a 'Fault' LED on this specific power supply?
- ⤷ Is this module compatible with standard ATX motherboards via an adapter?