AI

The **M2AS1-5344-R2/Q** is a high-performance, specialized magnetic component, typically classified as a **LAN Transformer** or a **Magnetic Isolation Module**. These parts are critical in Ethernet networking hardware to provide signal conditioning, impedance matching, and high-voltage isolation.
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the likely electronic characteristics:
| Property | Typical Value / Description |
| :--- | :--- |
| **Component Type** | LAN Transformer / Discrete Magnetic Module |
| **Port Configuration** | Single Port (1x1) |
| **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Isolation Voltage** | 1500 Vrms (Hi-Pot) |
| **Turns Ratio** | 1:1 (Transmitter and Receiver) |
| **Package Style** | Surface Mount Device (SMD) |
| **Operational Temp** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) |
---
### 2. Functional Electronic Sections
The internal circuitry of the M2AS1-5344-R2/Q usually consists of four primary stages per channel:
1. **Isolation Transformers:** Provides the 1.5kV galvanic isolation required by IEEE 802.3 standards to protect the PHY chip from external surges.
2. **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise from the differential signal lines.
3. **Center Taps:** Used for biasing the signals and, in some variants, supporting Power over Ethernet (PoE) current injection.
4. **Auto-Transformer / Termination:** Ensures the 100-ohm differential impedance matches the twisted-pair cable (Cat5e/Cat6).
---
### 3. Applications and Integration
This part is commonly found in the following electronic systems:
* **Network Interface Cards (NICs):** Integrated into PC motherboards or expansion cards.
* **Embedded Systems:** Industrial PCs, IoT Gateways, and Routers.
* **Set-Top Boxes:** Providing stable Ethernet connectivity for media streaming.
---
### 4. Part Number Breakdown (Estimated)
* **M2AS:** Series designation (often related to footprint and internal wiring).
* **5344:** Specific electrical configuration (inductance, turns ratio, and pinout).
* **R2:** Revision or RoHS compliance status.
* **Q:** Often denotes specific packaging (e.g., Tape and Reel) or a quality grade (e.g., Automotive/Industrial).
---
- ⤷
What is the pinout diagram for the M2AS1 series?
- ⤷ How does this component differ from a standard RJ45 jack with integrated magnetics?
- ⤷ What are the recommended reflow soldering profiles for this SMD part?