M2AS1-5414-R
AI

The **M2AS1-5414-R** is a specific electronic component typically identified as a **tactile switch** or a low-profile push-button switch. These components are fundamental in human-interface devices for providing physical feedback when a circuit is closed.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the general technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Actuation Force** | Typically 160gf to 250gf |
| **Operating Life** | ~100,000 to 500,000 cycles |
| **Contact Rating** | 50mA @ 12VDC (Common) |
| **Operating Temp** | -25°C to +70°C |
---
### 2. Physical Construction
The part is comprised of several distinct layers that work together to provide mechanical and electrical functionality:
1. **Actuator (Button):** The top part that the user presses. In the "R" variant (often denoting RoHS compliant or specific Reel packaging), the height is minimized for sleek devices.
2. **Cover/Frame:** A metal or plastic housing that protects the internal dome.
3. **Contact Dome:** A snap-action metal disc (usually stainless steel). This provides the "click" feel and bridges the gap between contacts when pressed.
4. **Base:** The plastic housing containing the terminal pins.
5. **Terminals:** Silver-plated or gold-plated leads designed for soldering onto a PCB.
---
### 3. Applications and Usage
This part is commonly found in consumer electronics where space is at a premium and a tactile "click" is required:
* **Mobile Devices:** Volume rockers or power buttons.
* **Industrial Controls:** Reset switches on embedded boards.
* **Peripherals:** Mouse buttons or keyboard function keys.
* **Home Appliances:** Control panels for microwaves or coffee makers.
---
### 4. Schematic Representation
In an electrical circuit, the M2AS1-5414-R functions as a "Normally Open" (NO) switch:
```text
[Pin 1] ----/ ---- [Pin 2]
(Press to Close)
```
---
- ⤷
What are the specific footprint dimensions for the M2AS1-5414-R?
- ⤷ How does the 'R' suffix affect the packaging or environmental compliance?
- ⤷ Can this switch be used in high-voltage AC applications?