Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5432-R2/Q

  • AI
    The part number **M2AS1-5432-R2/Q** typically refers to a specialized electronic module or component, often associated with industrial automation, power management, or interface modules (such as those produced by manufacturers like **M-System** or similar industrial electronics providers). Below is a breakdown of the typical electronic characteristics and categories this part falls into. --- ### 1. General Specifications Based on standard industrial naming conventions for this series, here are the likely technical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Signal Conditioner / Isolator / Power Module | | **Input Signal** | Often configured for DC Voltage or Current (e.g., 4-20mA or 1-5V) | | **Output Signal** | Re-transmitted or isolated DC signals | | **Power Requirement** | Usually 100–240V AC or 24V DC (depending on the suffix) | | **Mounting** | DIN Rail or Plug-in Base | --- ### 2. Breakdown of the Part Number While specific manufacturer codes vary, the alphanumeric segments generally represent the following hardware configurations: * **M2AS1**: The base model series (often a "Mini-M" series signal conditioner). This indicates a slim-profile housing used to save cabinet space. * **5432**: This numerical string defines the **Input/Output** mapping. For example: * `5`: Might represent a 4-20mA Input. * `4`: Might represent a 0-10V Output. * **R2**: Usually denotes the **Power Input** type. `R` often stands for AC power (100-240V), while `2` designates a specific frequency or voltage range. * **Q**: This suffix typically indicates a **Custom Specification** or a non-standard factory setting (e.g., specialized calibration or conformal coating for moisture protection). --- ### 3. Key Electronic Components Inside If you were to open the module, you would typically find the following electronic architecture: #### A. Input Stage * **Precision Resistors**: Used to convert current signals (mA) into voltage for the internal Op-Amps. * **Surge Absorbers**: Protection against high-voltage spikes on the input lines. #### B. Isolation Barrier * **Optocouplers or Transformers**: These provide galvanic isolation (usually up to 2000V AC) between the input, output, and power supply to prevent ground loops and protect sensitive PLCs. #### C. Output Stage * **DAC (Digital to Analog Converter)**: If the unit is microprocessor-based, it converts digital values back to an analog curve. * **Output Transistors**: Power the final loop signal (e.g., driving a 4-20mA load). --- ### 4. Connection Diagram (General) Most modules in this series use a standard pin layout: ```text Terminal | Function ---------|---------- 1 & 2 | Input (+) / (-) 3 & 4 | Output (+) / (-) 5 & 6 | Power Supply (L / N or + / -) ``` --- ### 5. Application Usage This part is commonly used in: * **PLC/DCS Interfacing**: Protecting controller inputs from field interference. * **Signal Conversion**: Changing a sensor's 0-10V signal into a 4-20mA signal for long-distance transmission. * **Ground Loop Elimination**: Breaking the electrical connection between two pieces of equipment that share different ground potentials. ---
    ✨ Follow-up Questions
    • ⤷What is the exact input/output voltage range for the M2AS1 series?
    • ⤷ How does the 'Q' suffix affect the manufacturer warranty or calibration?
    • ⤷ What are the DIN rail mounting dimensions for this specific module?