M2AS1-5434-R2/Q
AI

The **M2AS1-5434-R2/Q** is a specialized electronic component, typically classified as a high-density, high-frequency **connector or interconnect module** often used in automotive or telecommunications infrastructure.
Below is a breakdown of its electronic characteristics and structural parts.
---
### 1. Component Specifications
The part is designed for high-signal integrity and durability. Based on the nomenclature (commonly associated with suppliers like Yamaichi or similar interconnect manufacturers), the specifications generally include:
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed Mezzanine Connector / Socket |
| **Pin Configuration** | Multi-pin (High density) |
| **Mounting Type** | Surface Mount (SMT) or Press-fit |
| **Pitch** | Typically 0.5mm to 1.27mm |
| **Application** | Automotive Infotainment, ADAS, or Server Blade networking |
---
### 2. Key Electronic Parts & Materials
The device is composed of three primary functional elements:
#### A. Contact Terminals (The Conductive Path)
* **Material:** Usually Phosphor Bronze or Copper Alloy.
* **Plating:** Gold (Au) plating over Nickel (Ni). This ensures low contact resistance and prevents oxidation, which is critical for low-voltage signal transmission.
* **Function:** Facilitates the electrical bridge between the PCB and the mating module.
#### B. Housing/Insulator (The Dielectric)
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic.
* **Function:** Provides electrical isolation between pins to prevent short-circuiting and maintains the mechanical alignment of the terminals during soldering.
* **Rating:** Usually UL 94V-0 (flame retardant).
#### C. Shielding (Electromagnetic Compatibility)
* **Material:** Stainless steel or tin-plated brass.
* **Function:** The "R2/Q" variants often include enhanced grounding tabs or integrated metal shields to reduce **Electromagnetic Interference (EMI)** and maintain signal integrity in high-speed data environments.
---
### 3. Usage Context
This specific part is often found in:
1. **Automotive ECUs:** Connecting daughterboards to the main logic board.
2. **Edge Computing:** Connecting AI acceleration modules to a carrier board.
3. **High-Speed Data:** Handling protocols like PCIe Gen 4/5 or multi-gigabit Ethernet signals.
---
### 4. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix codes usually indicate:
* **-R2:** Revision 2 or RoHS 2 compliance.
* **/Q:** Automotive grade (AEC-Q100/200 compliant) or specialized packaging (Tape & Reel).
- ⤷
What is the exact pin count and pitch for the M2AS1 series?
- ⤷ Is this connector compatible with AEC-Q100 automotive standards?
- ⤷ What are the recommended soldering temperature profiles for LCP housing?