Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-5442-R/Q

  • AI
    The **M2AS1-5442-R/Q** typically refers to a high-speed, high-density connector interface, often utilized in networking and telecommunications equipment. This specific part number follows the nomenclature for **QSFP (Quad Small Form-factor Pluggable) or SFP+** style interconnect systems. --- ### 1. Key Technical Specifications Based on the standard architecture for this series, here are the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | SMT (Surface Mount Technology) Connector | | **Pin Count** | 38 Positions (Standard for QSFP) | | **Pitch** | 0.8 mm | | **Data Rate Support** | Optimized for 10 Gbps up to 28 Gbps per channel | | **Mounting Orientation** | Right Angle | | **Plating** | Gold (typically 15μ" or 30μ") over Nickel | --- ### 2. Functional Breakdown The part is divided into several functional zones to ensure high-speed signal integrity: 1. **High-Speed Differential Pairs:** * Designed with specific impedance control (usually **100Ω**) to minimize signal reflection in Ethernet or Fibre Channel applications. 2. **Low-Speed Control Signals:** * Dedicated pins for I2C communication (SDA/SCL), ModSelL (Module Select), and ResetL (Reset). 3. **Power & Grounding:** * Multiple ground pins integrated between high-speed pairs to reduce **Crosstalk (NEXT/FEXT)** and provide EMI shielding. 4. **Mechanical Features:** * The "R/Q" suffix often denotes specific packaging (Tape & Reel) or compliance ratings (RoHS/Halogen-Free). --- ### 3. Application Use-Cases This component is found in hardware that requires massive data throughput: * **Network Switches/Routers:** Connecting the main PCB to optical transceivers. * **Data Centers:** High-density server blades and storage arrays. * **Medical Imaging:** High-bandwidth data transfer between processing units. --- ### 4. Layout Considerations When designing a PCB for this part, engineers must follow strict layout guidelines: ```c // Design Constraints for High-Speed Signal Integrity #define DIFF_IMPEDANCE 100 // Target 100 Ohms #define MAX_SKEW_PS 5 // Intra-pair skew limit in picoseconds #define VIA_STUBS MIN // Minimize via stubs to prevent resonance ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended PCB footprint for the M2AS1 series?
    • ⤷ How does this connector handle EMI/EMC shielding?
    • ⤷ What are the specific differences between the -R and -Q suffixes?