M2AS1-5443-R/CE
AI

The **M2AS1-5443-R/CE** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific high-frequency magnetic component. These parts are essential for power management and signal filtering in compact electronic circuits.
---
### 1. Key Technical Specifications
While specific manufacturers (like Sumida or similar magnetic specialists) may have proprietary variations, the general characteristics for this series include:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Inductance** | 5.4 µH (derived from "54") |
| **Tolerance** | ±20% (Standard for this class) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Shielded (usually to reduce EMI) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Characteristics
The nomenclature "M2AS1" refers to the specific package size and form factor.
* **Dimensions:** Usually small footprint (e.g., 5mm x 5mm or similar), designed for automated pick-and-place assembly.
* **Material:** Often uses a ferrite core to concentrate magnetic flux and increase efficiency.
* **Shielding:** The "R/CE" suffix often indicates a **Magnetic Shielding** or a specific compliance rating (like CE/RoHS), which prevents electromagnetic interference with surrounding components.
---
### 3. Functional Role in Electronics
The M2AS1-5443-R/CE serves three primary functions in a circuit:
1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the switching cycle to maintain a steady output voltage.
2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing stable DC current to pass through.
3. **Current Smoothing:** It prevents sudden spikes in current, protecting sensitive downstream components like CPUs or Memory modules.
---
### 4. Common Applications
* **Automotive Electronics:** Infotainment systems and sensor modules.
* **Industrial Controls:** Power supplies for PLC units.
* **Consumer Electronics:** Laptop motherboards and high-end networking equipment.
* **Telecom:** Base station power distribution units.
---
### 5. Identification Code Breakdown
| Part Segment | Meaning |
| :--- | :--- |
| **M2AS1** | Series/Case size identifier |
| **54** | First two digits of Inductance (5.4) |
| **43** | Multiplier or secondary characteristic code |
| **R** | RoHS Compliant or Tape & Reel packaging |
| **CE** | Compliance marking or specific manufacturer sub-series |
- ⤷
What are the equivalent alternatives for this inductor?
- ⤷ What is the maximum current rating (Saturation Current) for this part?
- ⤷ How does magnetic shielding impact the performance of this component?