M2AS1-5444-R/CE
AI

The **M2AS1-5444-R/CE** is a specialized electronic module, typically associated with **M2M (Machine-to-Machine)** communication systems, industrial automation, or specific networking hardware (often utilized in Advantech or similar industrial computing ecosystems).
Below is a breakdown of its core electronic characteristics and components.
---
### 1. General Specifications
The device acts as a bridge or interface module, converting physical signals into data processed by a host system.
| Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 (Type 2242 or 2280 depending on the carrier) |
| **Interface Type** | PCIe or USB-based signaling |
| **Primary Function** | Communication/Data Acquisition |
| **Compliance** | CE (European Conformity) & RoHS (Restriction of Hazardous Substances) |
---
### 2. Key Electronic Components
The internal circuitry of this part consists of several critical layers:
#### A. The Controller IC
* **Logic:** Usually contains a dedicated MCU (Microcontroller) or an FPGA/ASIC designed to handle specific protocol translations.
* **Power Management:** Integrated LDOs (Low Dropout Regulators) to convert the host's 3.3V power supply down to 1.8V or 1.2V for the internal logic cores.
#### B. Signal Conditioning (The "5444" Logic)
The "5444" designation in many industrial series refers to specific port configurations:
* **Isolation:** Often includes optocouplers or magnetic isolators to protect the host system from high-voltage surges on the field side.
* **Transceivers:** RS-232, RS-422, or RS-485 line drivers that manage the physical voltage levels for long-distance data transmission.
#### C. Passive Components
* **MLCC Capacitors:** Used for decoupling and noise filtering to ensure stable signal integrity in EMI-heavy industrial environments.
* **TVS Diodes:** Transient Voltage Suppression diodes are typically placed near the output pins to prevent ESD (Electrostatic Discharge) damage.
---
### 3. Connection & Pinout
The module utilizes the **M.2 Keying** system to prevent incorrect insertion.
* **Gold Fingers:** The edge connector is gold-plated to prevent oxidation and ensure low-resistance contact over many years.
* **Signal Paths:** Differential pairs are routed with controlled impedance to maintain data high-speed integrity across the PCB.
---
### 4. Environmental & Protection
The **-R/CE** suffix indicates specific manufacturing standards:
1. **-R:** Generally stands for **RoHS** compliant (Lead-free manufacturing).
2. **CE:** Certified for electromagnetic compatibility (EMC), meaning it won't interfere with other electronics and is shielded against external radio frequency interference.
---
- ⤷
What is the specific pinout configuration for the M.2 interface on this module?
- ⤷ Can this module be used in standard consumer motherboards or does it require industrial backplanes?
- ⤷ What is the operating temperature range for the M2AS1 series?