M2AS1-6124-R/CE
AI

The **M2AS1-6124-R/CE** is a specialized power supply module, commonly associated with high-performance networking equipment or industrial server chassis. Specifically, it is a **redundant AC-DC power supply unit (PSU)**.
Below is a breakdown of its electronic specifications and characteristics:
### 1. Key Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Model Number** | M2AS1-6124-R/CE |
| **Input Type** | AC (Alternating Current) |
| **Input Voltage Range** | 100V – 240V AC (Universal Input) |
| **Max Power Output** | ~120W (Typical for this series) |
| **Form Factor** | Proprietary / Modular Slim Design |
| **Cooling** | Internal active fan cooling |
| **Efficiency Rating** | Typically 80 Plus or equivalent industrial efficiency |
---
### 2. Internal Electronic Components
The unit is composed of several critical electronic stages to ensure stable power delivery:
* **EMI Filter Stage:** Uses capacitors and inductors (chokes) to prevent electromagnetic interference from leaking back into the power grid and to protect the internal circuits from spikes.
* **Bridge Rectifier:** Converts the incoming AC voltage into high-voltage DC.
* **PFC (Power Factor Correction):** An active circuit (often involving a MOSFET and a controller IC) that ensures the current waveform matches the voltage waveform, improving energy efficiency.
* **Switching Transformer:** The core of the "Switch Mode Power Supply" (SMPS) design, which steps down the high-voltage DC to the required lower output voltages (typically +12V, +5V, or +3.3V).
* **Output Rectification & Filtering:** Uses Schottky diodes or synchronous rectifiers and high-quality electrolytic capacitors to provide a clean, low-ripple DC output.
---
### 3. Safety and Protection Features
As an industrial-grade part, the M2AS1-6124-R/CE includes several hardware-level protections:
1. **OCP (Over Current Protection):** Shuts down the unit if the load exceeds safe limits.
2. **OVP (Over Voltage Protection):** Prevents damage to the connected motherboard if the internal regulation fails.
3. **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected to prevent fire or melting.
4. **Hot-Swap Logic:** Contains a specialized connector interface and management IC that allows the module to be plugged in or removed while the system is running without causing electrical arcs or system crashes.
---
### 4. Application
This part is most frequently found in:
* **1U Rackmount Servers:** Due to its slim profile.
* **Managed Network Switches:** Providing redundant power so the network stays up if one PSU fails.
* **Industrial Control Systems:** Where reliability and uptime are critical.
- ⤷
What is the pinout configuration for the M2AS1-6124-R/CE connector?
- ⤷ Which specific networking brands (e.g.
- ⤷ Cisco
- ⤷ Juniper) use this power supply?
- ⤷ How do I troubleshoot a 'Fault' LED on this specific PSU module?