AI

The **M2AS1-6124-R2/Q** is a specialized electronic component, typically categorized as a high-density, high-frequency **connector** or a **cable assembly component** often used in automotive, telecommunications, or industrial computing environments.
Based on the nomenclature, this part belongs to a class of high-speed interconnects designed for signal integrity and durability.
---
### 1. Technical Specifications Overview
While specific manufacturer datasheets may vary slightly, parts with this designation generally feature the following characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Board-to-Board / High-Speed Interconnect |
| **Pitch** | Typically 0.5mm to 1.27mm (High density) |
| **Data Rate** | Supports multi-gigabit speeds (PCIe, Ethernet, or LVDS) |
| **Housing Material** | High-temperature thermoplastic (LCP - Liquid Crystal Polymer) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for oxidation resistance |
| **Mounting Type** | SMT (Surface Mount Technology) or Press-fit |
---
### 2. Breakdown of the Part Number
The alphanumeric code often provides specific details about the component's architecture:
1. **M2AS1**: Indicates the Series/Product family (often associated with high-speed Mezzanine or Automotive connectors).
2. **6124**: Refers to the internal configuration, such as the number of pins/positions or the specific physical dimensioning.
3. **R2**: Usually denotes the **Revision Level** or a specific **Orientation** (e.g., Right Angle or a specific height offset).
4. **Q**: Often signifies **Automotive Grade** or a specific high-quality testing standard (AEC-Q100/Q200 compliance).
---
### 3. Key Electronic Functions
* **Signal Integrity:** Designed with impedance matching (usually 50Ω or 100Ω differential) to minimize reflections and crosstalk in high-frequency data transmission.
* **Thermal Management:** The materials used are rated for high-stress environments, maintaining mechanical stability even under high thermal loads.
* **Shielding:** Many "Q" designated parts include integrated EMI (Electromagnetic Interference) shielding to prevent noise leakage in sensitive electronic assemblies.
---
### 4. Common Applications
* **Automotive ADAS:** Connecting camera modules or Lidar sensors to the main processing unit.
* **Server Architecture:** Mezzanine cards or riser card connections within high-density server racks.
* **Industrial Automation:** High-speed data links between PLCs and human-machine interfaces (HMI).
---
- ⤷
Who is the primary manufacturer of the M2AS1 series?
- ⤷ What are the specific pinout configurations for the 6124 model?
- ⤷ Is this component AEC-Q100 certified for automotive use?