M2AS1-6132-R/N
AI

The **M2AS1-6132-R/N** is a specialized electronic component, typically categorized as a **Micro-USB 2.0 Connector (Type B)** designed for Surface Mount Technology (SMT) applications. This specific part number is common in consumer electronics for charging and data transfer interfaces.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro USB 2.0 Type B |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Contacts** | 5 Pins |
| **Current Rating** | 1.0A - 1.8A (Pin dependent) |
| **Voltage Rating** | 30V AC/DC |
| **Material** | Stainless Steel Shell / High-Temp Thermoplastic |
---
### 2. Physical Structure and Pins
The "6132" series usually refers to a specific mechanical footprint. Here is how the electronic parts are integrated:
* **Contacts (Pins):** Made of copper alloy with gold plating to prevent oxidation and ensure low contact resistance.
* *Pin 1:* VCC (+5V)
* *Pin 2:* Data -
* *Pin 3:* Data +
* *Pin 4:* ID (Used for OTG functions)
* *Pin 5:* GND (Ground)
* **The Shell (Shielding):** A stainless steel or nickel-plated housing that provides EMI/RFI protection and serves as a structural "ground" when soldered to the PCB.
* **Solder Tabs:** These are the mechanical "wings" or legs that provide physical stability to the PCB so the connector doesn't rip off during repeated plugging/unplugging.
---
### 3. Part Number Suffix Breakdown
* **-R:** Generally indicates that the component is compliant with **RoHS** (Restriction of Hazardous Substances) standards.
* **/N:** Often denotes a specific plating or packaging variation (e.g., **Nickel** plating on the shell or Tape & Reel packaging for automated assembly).
---
### 4. Implementation Details
```python
# Typical Circuit Integration Checklist
circuit_requirements = {
"ESD_Protection": "Required (TVSDiodes on D+/D- lines)",
"Bypass_Capacitor": "10uF on VBUS line recommended",
"Chassis_Ground": "Connect shell to Earth/Shield ground",
"Data_Impedance": "90 Ohm differential pair routing"
}
```
---
- ⤷
What is the exact PCB footprint dimensions for the M2AS1 series?
- ⤷ Is this connector rated for high-speed USB 3.0 data rates?
- ⤷ What are the recommended soldering temperature profiles for this SMT part?