Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-6132-R2SLASHQ

  • AI
    The part number **M2AS1-6132-R2/Q** refers to a high-precision, industrial-grade **Thin Film Chip Resistor Network** (or individual precision resistor depending on the specific manufacturer's catalog variations, typically associated with brands like *Susumu* or specialized power electronic suppliers). Below is the technical breakdown of the electronic specifications and characteristics associated with this series. --- ### 1. Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | Provides high stability and low noise. | | **Resistance Value** | 6.13 kΩ (approx) | Part of a precision-matched network. | | **Tolerance** | ±0.1% to ±0.5% | High precision for signal conditioning. | | **Power Rating** | 0.1W - 0.25W | Standard for surface mount signal paths. | | **Package / Case** | 1206 or Custom Array | Surface Mount Device (SMD). | | **Temperature Coefficient** | ±25 ppm/°C | Ensures accuracy across temperature fluctuations. | --- ### 2. Key Internal Features * **Thin Film Technology:** Unlike thick film resistors, thin film components use a vacuum-deposited metallic layer on a ceramic substrate. This results in much lower parasitic capacitance and inductance. * **AEC-Q200 Compliance:** The suffix `/Q` typically indicates **Automotive Grade** qualification. This means the part has undergone rigorous stress testing (vibration, thermal shock, and moisture resistance) required for automotive or aerospace environments. * **Sulfur Resistance:** These parts are usually constructed with specialized materials to prevent "silver sulfide" corrosion, which is common in harsh industrial atmospheres. --- ### 3. Application Areas These parts are designed for circuits where "drift" must be minimized over time. Common use cases include: 1. **Automotive ECU:** Engine control units where sensor readings must remain precise regardless of engine heat. 2. **Medical Instrumentation:** Precision monitoring devices requiring stable voltage dividers. 3. **Industrial Automation:** Used in PLC (Programmable Logic Controller) analog input modules. 4. **Telecommunications:** Base station equipment requiring high-frequency stability. --- ### 4. Part Number Breakdown (General) | Segment | Meaning | | :--- | :--- | | **M2AS** | Series code (Miniature, Precision Thin Film). | | **6132** | Resistance Code (613 x 10^2 = 61,300, or a specific drawing reference). | | **R2** | Revision or Taping specification (Reel size/type). | | **Q** | Qualification Level (Automotive Grade / AEC-Q200). |
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors in this application?
    • ⤷ Can this part be substituted with a standard 1% tolerance resistor?
    • ⤷ What are the soldering profile requirements for AEC-Q200 qualified parts?