M2AS1-6212-R2
AI

The **M2AS1-6212-R2** is a specialized server motherboard or system board designed for high-density computing environments. Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Core Architecture
The M2AS1-6212-R2 is built to support the **AMD EPYC™ 7001/7002/7003 Series** processors (Naples, Rome, and Milan).
| Feature | Specification |
| :--- | :--- |
| **CPU Socket** | Single Socket SP3 (LGA 4094) |
| **Memory Slots** | 8x DIMM Slots |
| **Memory Type** | DDR4 ECC RDIMM / LRDIMM (Up to 3200MHz) |
| **Form Factor** | Proprietary / Sled-style (Common in 2U4N chassis) |
---
### 2. Connectivity and I/O Interfaces
The board is engineered for high-speed data throughput and expansion capabilities.
* **PCIe Expansion:** Typically features high-bandwidth PCIe Gen3 or Gen4 lanes (depending on the CPU generation installed) routed to riser cards.
* **Storage Support:**
* **M.2 Slots:** Often includes 1 or 2 M.2 (NVMe) slots for boot drives.
* **SATA/SAS:** Connectivity via Slimline SAS or OCuLink connectors for backplane integration.
* **Networking:** Integrated dual-port or quad-port Gigabit Ethernet (GbE) or SFP+ options depending on the specific riser configuration.
---
### 3. Management and Control (BMC)
Server-grade reliability is managed through a dedicated controller:
* **Baseboard Management Controller (BMC):** Usually features an **ASPEED AST2500** or similar chip.
* **IPMI 2.0 Support:** Allows for remote power cycling, KVM-over-IP, and hardware health monitoring (fan speeds, voltages, temperatures).
* **TPM Header:** Includes a header for a Trusted Platform Module to enhance hardware-level security.
---
### 4. Power Delivery System
The electronic design emphasizes stability under heavy computational loads:
* **VRM Design:** Multi-phase Voltage Regulator Modules (VRMs) located near the CPU socket to ensure stable power delivery.
* **Power Input:** Uses high-density power connectors (typically customized for the server chassis midplane) rather than standard ATX 24-pin connectors.
---
### 5. Physical Layout (Typical Sled Design)
Unlike standard desktop boards, the M2AS1-6212-R2 is often part of a "Multi-Node" system:
1. **Rear I/O:** VGA port, USB 3.0 ports, and a dedicated RJ45 management port.
2. **Airflow Optimization:** Components are arranged linearly to maximize front-to-back airflow in rackmount environments.
---
- ⤷
What is the maximum supported RAM capacity for this motherboard?
- ⤷ Which server chassis is the M2AS1-6212-R2 primarily compatible with?
- ⤷ Does this board support PCIe Gen4 with AMD Milan processors?