M2AS1-6213-R2/CE
AI

The **M2AS1-6213-R2/CE** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized **Interface Module**, often used in industrial automation and power control.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number indicates a robust industrial design meant for switching loads without the use of moving mechanical parts.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Solid State Relay (SSR) / Interface Relay |
| **Mounting Type** | DIN Rail Mountable |
| **Switching Type** | Zero-cross switching (usually) or Instant-on |
| **Compliance** | CE (Conformité Européenne) Certified |
---
### 2. Key Electronic Parameters
While specific sub-models can vary, the "6213" series generally adheres to the following electrical profiles:
* **Control Voltage (Input):** Typically operates on a low-voltage DC signal (e.g., 4-32V DC) or AC signal depending on the specific configuration.
* **Load Voltage (Output):** Designed for AC loads, often ranging from 24V AC to 280V AC (or up to 480V AC in high-power variants).
* **Load Current:** Usually rated for moderate current capacities, often around 1A to 5A for slim interface modules, or higher for power blocks.
* **Isolation:** Opto-isolation between the input and output circuits to protect the control logic from high-voltage spikes (usually >2500V RMS).
---
### 3. Internal Component Architecture
The device is comprised of several critical electronic stages:
1. **Input Circuit:** Contains a current-limiting resistor and an LED (part of the optocoupler).
2. **Optical Isolation:** A photo-sensitive element that transfers the signal via light to provide galvanic isolation.
3. **Zero-Crossing Detector:** A circuit that ensures the relay only switches when the AC voltage is near zero, reducing EMI (Electromagnetic Interference).
4. **Power Switch:** Uses a **Triac** or a pair of **SCRs (Silicon Controlled Rectifiers)** to handle the high-current output.
5. **Snubber Circuit:** An internal RC (Resistor-Capacitor) network that protects the semiconductor from high $dv/dt$ (voltage spikes).
---
### 4. Typical Applications
* **PLC Interfacing:** Acts as a bridge between a Programmable Logic Controller and a high-power motor or heater.
* **Temperature Control:** Used in PID loops to pulse heaters.
* **Solenoid/Valve Control:** Rapid switching of industrial actuators.
---
- ⤷
What is the exact input voltage range for this specific R2/CE model?
- ⤷ Does this model use a Triac or back-to-back SCRs for the output switch?
- ⤷ What is the maximum surge current rating for the M2AS1 series?