Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-6224-R2/CE

  • AI
    The **M2AS1-6224-R2/CE** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Transformer/Inductor module**, often used in telecommunications, networking (LAN), or signal isolation applications. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. General Specifications While specific datasheets are often proprietary to manufacturers (like **Mellanox/NVIDIA** or **Delta**), this part number follows standard industry conventions for high-speed signal processing. | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Isolation Module / Ethernet Transformer | | **Mounting Type** | Surface Mount Technology (SMT) | | **Port Configuration** | Single or Dual Port (depending on specific R2 revision) | | **Standard Compliance** | IEEE 802.3 (likely 10/100/1000 Base-T) | | **Construction** | Ferrite core with copper windings in a plastic molded housing | --- ### 2. Internal Electronic Structure The "M2AS" series usually contains a combination of three primary passive elements inside a single package to ensure signal integrity: 1. **Isolation Transformers:** * Provides 1500Vrms galvanic isolation between the input and output. * Protects sensitive PHY (Physical Layer) chips from static electricity and voltage surges on the cable. 2. **Common Mode Chokes (CMC):** * Suppresses Electromagnetic Interference (EMI). * Filters out high-frequency noise that is common to both lines in a differential pair. 3. **Termination Resistors/Capacitors:** * Used for "Bob Smith" termination to reduce common-mode emissions and improve impedance matching. --- ### 3. Pinout and Physical Characteristics The suffix **-R2/CE** indicates specific revisions and compliance standards. * **R2:** Denotes the second major revision of the internal circuitry or footprint. * **CE:** Generally indicates compliance with European safety and environmental standards (Conformité Européenne). * **Lead-Free:** These parts are typically RoHS compliant, meaning they use lead-free solder (SAC alloy) on the pins. --- ### 4. Applications This part is commonly found in the following electronic environments: * **Network Interface Cards (NICs):** Found on high-end server adapters. * **Switches and Routers:** Used at the RJ45 interface point. * **Industrial PC Motherboards:** Providing isolation for onboard Ethernet ports. * **Embedded Systems:** For IoT gateways requiring stable wired connectivity. --- ### 5. Troubleshooting & Measurement If testing this component with a Multimeter or LCR meter, look for: 1. **Continuity:** Low resistance across the transformer windings (usually < 2 Ohms). 2. **Isolation:** Infinite resistance between the primary (chip side) and secondary (line side) pins. 3. **Inductance:** Specific millihenry (mH) ratings across the pairs (standard is often 350µH min with 8mA DC bias).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2AS1-6224-R2/CE?
    • ⤷ Which manufacturers are the primary suppliers for this part number?
    • ⤷ Can this module support 10G Ethernet speeds or is it limited to 1G?